Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7002AEHZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADPA7002AEHZ-R7
Description  GaAs, pHEMT, MMIC,1/2 W, 18 GHz to 44 GHz, Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7002AEHZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADPA7002AEHZ-R7 Datasheet HTML 11Page - Analog Devices ADPA7002AEHZ-R7 Datasheet HTML 12Page - Analog Devices ADPA7002AEHZ-R7 Datasheet HTML 13Page - Analog Devices ADPA7002AEHZ-R7 Datasheet HTML 14Page - Analog Devices ADPA7002AEHZ-R7 Datasheet HTML 15Page - Analog Devices ADPA7002AEHZ-R7 Datasheet HTML 16Page - Analog Devices ADPA7002AEHZ-R7 Datasheet HTML 17Page - Analog Devices ADPA7002AEHZ-R7 Datasheet HTML 18Page - Analog Devices ADPA7002AEHZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Data Sheet
ADPA7002
APPLICATIONS INFORMATION
analog.com
Rev. A | 15 of 20
Figure 51 and Figure 52 show the two recommended typical appli-
cation circuits for the ADPA7002. Pin 3 and Pin 9 are VGG1 gate
bias control pins that are connected internally. VDD1 and VDD2, Pin
2 and Pin 10, are drain bias pins for the driver stage that are
internally connected. VDD3 and VDD4, Pin 1 and Pin 11, are drain
bias pins for the output stage that also internally connect.
The gate bias voltage can be applied to either Pin 3 or Pin 9. The
drain bias can be applied to either VDD1 and VDD3 or VDD2 and
VDD4, which results in two possible bias configuration options. With
Bias Option 1 (see Figure 51), the drain and gate voltages are
applied to Pin 9, Pin 10, and Pin 11 on the south side of the device.
With Bias Option 2 (see Figure 52), the drain and gate voltages are
applied to Pin 1, Pin 2, and Pin 3 on the north side of the device.
Capacitive bypassing is required for all pins in use.
The power supply decoupling capacitors shown in Figure 51 and
Figure 52 represent the configuration used to characterize and
qualify the device. There may be a scope to reduce the number
of capacitors, but the scope varies from system to system. It is
recommended to first remove or combine the largest capacitors that
are farthest from the device.
Figure 51. Bias Option 1
Figure 52. Bias Option 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com