Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4413 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC4413
Description  28V, 2A Ideal Diode and Load Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4413 Datasheet(HTML) 4 Page - Analog Devices

  LTC4413 Datasheet HTML 1Page - Analog Devices LTC4413 Datasheet HTML 2Page - Analog Devices LTC4413 Datasheet HTML 3Page - Analog Devices LTC4413 Datasheet HTML 4Page - Analog Devices LTC4413 Datasheet HTML 5Page - Analog Devices LTC4413 Datasheet HTML 6Page - Analog Devices LTC4413 Datasheet HTML 7Page - Analog Devices LTC4413 Datasheet HTML 8Page - Analog Devices LTC4413 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Data Sheet
LT4423
analog.com
Rev. 0
4 of 18
ABSOLUTE MAXIMUM RATINGS
TA = 25°C5, unless otherwise specified.
Table 2. Absolute Maximum Ratings
PARAMETER
RATING
Supply Voltage IN
–0.3V to 30V
Supply Voltage OUT
–30V to 30V
Supply Voltage |IN – OUT|
30V
Input Voltage SHDN
–30V to 30V
Output Voltage STATUS
–0.3V to 30V
Input Current IN
3A
Output Current OUT
–3A
Operating Junction Temperature Range LT4423A
–40°C to 125°C
Storage Temperature Range
–65°C to 150°C
.
1
All currents into pins are positive; all voltages are referenced to GND unless otherwise noted.
2
The LT4423 is tested under pulsed load conditions such that TJ ≈ TA. The junction temperature (TJ in °C) is
calculated from the ambient temperature (TA in °C) and power dissipation (PD in Watts) according to the
formula: TJ = TA + (PD • θJA).
3
The LT4423 includes overtemperature protection that is intended to protect the device during momentary
overload conditions. Junction temperature will exceed 150°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction temperature may impair device
reliability.
4
Determined by design, not tested in production.
5
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
These are stress ratings only, functional operation of the product at these or any other conditions above those
indicated in the operational section of this specification is not implied. Operation beyond the maximum operating
conditions for extended periods may affect product reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com