Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4413 Datasheet(PDF) 10 Page - Analog Devices

Part # LTC4413
Description  28V, 2A Ideal Diode and Load Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4413 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC4413 Datasheet HTML 6Page - Analog Devices LTC4413 Datasheet HTML 7Page - Analog Devices LTC4413 Datasheet HTML 8Page - Analog Devices LTC4413 Datasheet HTML 9Page - Analog Devices LTC4413 Datasheet HTML 10Page - Analog Devices LTC4413 Datasheet HTML 11Page - Analog Devices LTC4413 Datasheet HTML 12Page - Analog Devices LTC4413 Datasheet HTML 13Page - Analog Devices LTC4413 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Data Sheet
LT4423
analog.com
Rev. 0
10 of 18
Figure 13. Automatic Switchover of Load Between a Battery and a Wall Adapter
5V Power Ride-Through
In a diode-OR configuration, multiple diode cathodes are connected in parallel, with the final output voltage set by
the highest cathode potential. The LT4423 is well suited for these applications, with its ability to disable the power
path whenever OUT exceeds IN by approximately 20mV or more, allowing no more than 1µA of reverse current. The
low reverse leakage and the ability to stand-off 28V, and turn off under reverse bias make the LT4423 a high-
performance diode replacement.
Figure 14 demonstrates a diode-OR application with a super-cap charger to provide load power ride-through in the
event of input power loss. The LTC3625 charges two supercapacitors to a sum of 4.8V. Two LT4423s form a diode-OR
circuit between the main 5V input and the supercapacitor 4.8V output. The cathodes of the LT4423s connect to a load
or a downstream voltage regulator. If the main 5V supply is operating, load power is delivered from the 5V supply.
Should the main 5V supply be removed, the 4.8V path turns on, and load power is derived from the supercapacitors.
Figure 14. Riding through Loss of Primary Power Supply
TO LOAD
BATTERY
1.9V TO 28V
R1
4.7kΩ
D1
LNJ237W82RA
C1
4.7µF
D2
B230A
WALL ADAPTER INPUT
GND
IN
OUT
SHDN
STATUS
LT4423
VIN = 5V
COUT
22µF
N/C
PFI
GND
LTC3625
SW1
PROG
VIN
VOUT
EN
CTL
VSEL
SW2
VMID
PFO
PGOOD
4.8V
L1
3.3µH
C2
100F
C3
100F
C1
10µF
R1
287kΩ
R2
100kΩ
R3
143kΩ
TO REGULATOR
GND
IN
OUT
SHDN
STATUS
LT4423
GND
IN
OUT
SHDN
STATUS
LT4423
N/C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com