Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4413 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC4413
Description  28V, 2A Ideal Diode and Load Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4413 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC4413 Datasheet HTML 9Page - Analog Devices LTC4413 Datasheet HTML 10Page - Analog Devices LTC4413 Datasheet HTML 11Page - Analog Devices LTC4413 Datasheet HTML 12Page - Analog Devices LTC4413 Datasheet HTML 13Page - Analog Devices LTC4413 Datasheet HTML 14Page - Analog Devices LTC4413 Datasheet HTML 15Page - Analog Devices LTC4413 Datasheet HTML 16Page - Analog Devices LTC4413 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Data Sheet
LT4423
analog.com
Rev. 0
13 of 18
Figure 18. Using an External MOSFET for Switching to High Current Loads
Reverse Input Voltage Protection
Some applications must tolerate momentary accidental reversed voltage connections or negative voltage transients
at the IN pin. Although the IN pin absolute maximum rating is limited to -0.3V, Figure 19 and Figure 20 demonstrate
how a resistor or simple diode may be added to permit reverse input voltage tolerance.
Under reverse input voltage, an internal substrate diode is turned on, and its current must be limited to below 100mA.
In Figure 19, a 100Ω 1/4-watt resistor (RGND) is added to the ground path, safely limiting internal power dissipation
under the reverse connection of the 4.2V battery.
Figure 19. Protecting Against Reverse Input Voltage with a Resistor
Placing the protection resistor in the ground path preserves the low IN to OUT power path resistance. Minor
drawbacks to using the protection resistor include a small increase in STATUS VOL and a minor shift in the SHDN
threshold, both dependent on the current in the STATUS pull-down path.
In the case of persistent reverse voltage, a simple diode (DGND) may be used in place of the ground resistor, as shown
in Figure 20. Using a diode removes power dissipation concerns at the expense of increased STATUS VOL, a shift in
SHDN
threshold, and an increase in minimum IN voltage by an amount equal to the diode drop voltage in the ground
path.
SiA469DJ
VIN1 = 4.2V
R2
51kΩ
COUT
100µF
C1
1µF
C2
1µF
R1
100kΩ
ROUT
4Ω
STATUS LOGIC
(0V TO 4V)
VOUT = 28V AT 7A OR 4V AT 1A
VIN2 = 28V
5.1V
BZT52H-B5V1
GND
IN
OUT
SHDN
STATUS
LT4423



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com