Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PACE1757M Datasheet(PDF) 27 Page - Pyramid Semiconductor Corporation

Part # PACE1757M
Description  COMPLETE EMBEDDED CPU SUBSYSTEM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

PACE1757M Datasheet(HTML) 27 Page - Pyramid Semiconductor Corporation

Back Button PACE1757M Datasheet HTML 23Page - Pyramid Semiconductor Corporation PACE1757M Datasheet HTML 24Page - Pyramid Semiconductor Corporation PACE1757M Datasheet HTML 25Page - Pyramid Semiconductor Corporation PACE1757M Datasheet HTML 26Page - Pyramid Semiconductor Corporation PACE1757M Datasheet HTML 27Page - Pyramid Semiconductor Corporation PACE1757M Datasheet HTML 28Page - Pyramid Semiconductor Corporation PACE1757M Datasheet HTML 29Page - Pyramid Semiconductor Corporation PACE1757M Datasheet HTML 30Page - Pyramid Semiconductor Corporation PACE1757M Datasheet HTML 31Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
PACE 1757 M/ME
Page 27 of 34
Document # MICRO-10 REV B
SIGNAL DESCRIPTIONS (Continued)
BUS STROBES AND QUALIFIERS
Mnemonic
Name
Description
STRBA (note 1)
Address Strobe
An active HIGH output that can be used to externally latch the contents
of IB(0:15) into the address latches of the PIC and MMU at the HIGH to
LOW transition of the strobe. The signal is tristate during bus cycles not
assigned to this CPU. It is issued by the CPU and input to the MMU and
PIC.
STRBD (note 2)
Data Strobe
An active LOW output used to read or write data from the PIC as well as
to strobe data in memory and XIO cycles. This signal is tri-state during
bus cycles not assigned to this CPU. It is interconnected in the same
manner as STRBA.
MEMW
Memory Write
An active LOW output produced in memory write cycles by the PIC.
Strobe
MEMR
Memory Read Strobe
An active LOW output produced by the P1754 in memory read cycles.
IOW
I/O Write Strobe
An active LOW output produced by the P1754 in output write cycles.
IOR
I/O Read Strobe
An active LOW output produced by the P1754 during input read cycles.
STRB EN
Strobe Enable
An active LOW input, enabling the active state of the address outputs of
the P1754 and the
MEMR, MEMW, IOR and IOW outputs. When a logic
"1" (if enabled by bits EST and EAD of the control register) it will
correspondingly tri-state the above signals.
INTA
Interrupt Acknowledge An active LOW output produced during any interrupt sequence
Strobe
corresponding to an output write to address 1000 (Hex).
DMA ACK
DMA Acknowledge
An active HIGH input from the DMA controller to the P1753 which
indicates a DMA cycle. Used to select the DMA table in the BPU memory
for protection. For example, this could allow the DMA channel to update
the program which could be write protected from the processor. In the
physical DMA mose, it will cause the Extended Address Liones (EXT
ADR0-7) to become inputs providing BPU protection of the DMA transfers.
EX RDY
External Data Ready
An active HIGH output from the MMU that indicates no wait states are
requested. It becomes inactive for one clock (inserting one wait state)
whenever a memory page different than the current one is accessed (e.g.
a cache miss).
EX RDY1
External Data
An active LOW input to the PIC from the memory interface logic which at
Ready 1
a logical "1" overrides the internal RDYD generation and forces it to a
logical "0".
Note 1: One internal pulldown resistor is provided at the STRBA input. The nominal value is 40K Ohm and the maximum range is 20K Ohm to
80K Ohm. In designs with TTL devices loading STRBA, an additional external resistor may be required.
Note 2: One internal pullup is provided at the
STRBD input. The nominal value is 40K Ohms and the maximum range is 20K-80K Ohms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com