Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PACE1757M Datasheet(PDF) 33 Page - Pyramid Semiconductor Corporation

Part # PACE1757M
Description  COMPLETE EMBEDDED CPU SUBSYSTEM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

PACE1757M Datasheet(HTML) 33 Page - Pyramid Semiconductor Corporation

Back Button PACE1757M Datasheet HTML 26Page - Pyramid Semiconductor Corporation PACE1757M Datasheet HTML 27Page - Pyramid Semiconductor Corporation PACE1757M Datasheet HTML 28Page - Pyramid Semiconductor Corporation PACE1757M Datasheet HTML 29Page - Pyramid Semiconductor Corporation PACE1757M Datasheet HTML 30Page - Pyramid Semiconductor Corporation PACE1757M Datasheet HTML 31Page - Pyramid Semiconductor Corporation PACE1757M Datasheet HTML 32Page - Pyramid Semiconductor Corporation PACE1757M Datasheet HTML 33Page - Pyramid Semiconductor Corporation PACE1757M Datasheet HTML 34Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 33 / 34 page
background image
PACE 1757 M/ME
Page 33 of 34
Document # MICRO-10 REV B
A
130
± 10
175
± 20
A1
N/A
25
± 5
b
8± 2
8
± 2
c
6± 2
6
± 1
D
1750
± 15
1450
± 10
D1
1150
± 12
1150
± 12
D2
875
REF
875
REF
E
1750
± 5
1450
± 10
E1
1150
± 12
1150
± 12
E2
875
REF
875
REF
L1
N/A
75
± 15
L2
N/A
25
± 5
L
300
± 5
150
± 10
R1
N/A
25
± 2
R2
N/A
25
± 2
O1
N/A
± 4
0°
7°
O2
N/A
0°
7°
G
88
± 4
N
144
144
Straight Leads
Gullwing Leads
1757M/ME 144-LEAD QUAD FLATPACK OUTLINE
ORDERING INFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com