Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PACE1757M Datasheet(PDF) 31 Page - Pyramid Semiconductor Corporation

Part # PACE1757M
Description  COMPLETE EMBEDDED CPU SUBSYSTEM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

PACE1757M Datasheet(HTML) 31 Page - Pyramid Semiconductor Corporation

Back Button PACE1757M Datasheet HTML 26Page - Pyramid Semiconductor Corporation PACE1757M Datasheet HTML 27Page - Pyramid Semiconductor Corporation PACE1757M Datasheet HTML 28Page - Pyramid Semiconductor Corporation PACE1757M Datasheet HTML 29Page - Pyramid Semiconductor Corporation PACE1757M Datasheet HTML 30Page - Pyramid Semiconductor Corporation PACE1757M Datasheet HTML 31Page - Pyramid Semiconductor Corporation PACE1757M Datasheet HTML 32Page - Pyramid Semiconductor Corporation PACE1757M Datasheet HTML 33Page - Pyramid Semiconductor Corporation PACE1757M Datasheet HTML 34Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
PACE 1757 M/ME
Page 31 of 34
Document # MICRO-10 REV B
PIC REGISTER MAP DEFINITIONS
CONTROL REGISTER (Default = 0000)
PR1
Enable Parity Checking/Generation for
Memory Addresses 0000-3FFF.
PR2
Enable Parity Checking/Generation for
Memory Addresses 4000-7FFF.
PR3
Enable Parity Checking/Generation for
Memory Addresses 8000-BFFF.
PR4
Enable Parity Checking/Generation for
Memory Addresses C000-FFFF.
ODD
Enable ODD Parity.
EST
Enable Three State Control on PIC
Generated Strobes: IOR, IOW, MEMR,
MEMW.
EAD
Enable Three State Control on PIC
Generated Address: A0-A15.
EXR
Extends ready generation over the full I/O
space when = 1. (Default = 0)
SPI
Enables IILEGAL PIO detection for MIL-STD-
1750A spare I/O spaces. 1 = Spare I/O legal,
0 = Default = spare I/O illegal.
CNF
EDAC Function on MMU/COMBO; 1 = used,
0 = not used.
EB1
Enable Block 1 of Unimplemented Memory,
as Defined in the Unimplemented Memory
Register.
EB2
Enable Block 2 of Unimplemented Memory,
as Defined in the Unimplemented Memory
Register
EIO
Enable illegal PIO Detection, as defined in
Last Implemented Input and Output
Registers.
LIO
Enable Long I/O Ready Generation, 1ms to
15ms, I/O Addresses 0000-00FF, 8000-
80FF.
LME
Enable Long Memory Ready Generation,
1ms to 15ms, Addresses 0000-3FFF.
STATUS REGISTER (Default = 0000)
CPU
CPU Passed PIC System Test.
CMB
COMBO Chip Passed PIC System Test.
PIC
PIC Chip Passed PIC System Test.
STB
Reserved.
ADR
Reserved.
TWD
Watch Dog reached terminal count.
TBT
Bus Time-out reached terminal count.
IFL
Interrupt Flag-Shows the last interrupt I/O
command implemented in the software.
MEMORY READY PROGRAM REGISTER
(Default = FFFF)
MEM Q1
Lower Block number of wait states.
MEM Q2
Second Block number of wait states.
MEM Q3
Third Block number of wait states.
MEM Q4
Upper Block number of wait states.
I/O READY PROGRAM REGISTER
(Default = Undefined)
IO Q1
Lower section number of wait states.
IO Q2
Second section number of wait states.
IO Q3
Third section number of wait states.
IO Q4
Upper section number of wait states.
PROGRAM REGISTER (Default = 0000)
CFB
0:5, Clock Frequency Bits (MHz).
EBT
Enable Bus Time-out Function.
SBT
Select Bus Time-out Limit; 1 = 128
Cycles, 0 = 64 Cycles.
EWD
Enable Watch Dog Function.
SWD
Select Watch Dog Clock, 1 = 1KHz, 0 =
1MHz.
WATCH DOG TIMER REGISTER (Default = 0000)
BITS
0:15, Watch Dog set-up Count.
UNIMPLEMENTED MEMORY REGISTER
(Default = Undefined)
BL1 LO
Low boundary of unimplemented block
1 of memory.
BL1 HI
High boundary of unimplemented block
1 of memory.
BL2 LO
Low boundary of unimplemented block
2 of memory.
BL2 HI
High boundary of unimplemented block
2 of memory.
FIRST UNIMPLEMENTED OUTPUT COMMAND
REGISTER (Default = Undefined)
BITS 0:5
Not used.
BITS 6:15
First unused sequential PIO output
command.
FIRST UNIMPLEMENTED INPUT COMMAND
REGISTER (Default = Undefined)
BITS 0:5
Not used.
BITS 6:15
First unused sequential PIO input
command.
FIRST FAILING REGISTER (Default = Undefined)
BITS 0:15
16 LSB of the physical address of the
first failure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com