Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6543BGL Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP6543BGL
Description  12V, 2A, Three-Phase Power Stage
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6543BGL Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP6543BGL Datasheet HTML 1Page - Monolithic Power Systems MP6543BGL Datasheet HTML 2Page - Monolithic Power Systems MP6543BGL Datasheet HTML 3Page - Monolithic Power Systems MP6543BGL Datasheet HTML 4Page - Monolithic Power Systems MP6543BGL Datasheet HTML 5Page - Monolithic Power Systems MP6543BGL Datasheet HTML 6Page - Monolithic Power Systems MP6543BGL Datasheet HTML 7Page - Monolithic Power Systems MP6543BGL Datasheet HTML 8Page - Monolithic Power Systems MP6543BGL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MP6543 – 12V, 2A, THREE-PHASE POWER STAGE
MP6543 Rev. 1.01
www.MonolithicPower.com
4
1/15/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
PIN FUNCTIONS (continued)
Pin #
MP6543
Name
MP6543A
Name
MP6543B
Name
Description
7
VIN
Input power.
8
LSS
Low-side source connection for phases A, B, and C. Must
be connected directly to GND.
9
SA
Phase A output.
10
SB
Phase B output.
11
SC
Phase C output.
12
LSS
Low-side source connection for phases A, B, and C. Must
be connected directly to GND.
13
VIN
Input power.
14
VCP
Charge pump output. Connect a 1µF ceramic capacitor to
VIN.
15
GND
Ground.
16
VIN_LDO
LDO input.
17
OC_ADJ
Over-current threshold programming pin.
18
V3P3
3.3V regulator output. Low-side gate driver supply voltage.
Bypass to GND with a 0.47µF ceramic capacitor.
19
N/C
No connection.
20
nFAULT
Fault indication. Open-drain output type, logic low when in
fault condition.
21
SOC
Current-sense output for phase C.
22
SOB
Current-sense output for phase B.
23
SOA
Current-sense output for phase A.
24
nSLEEP
Sleep mode input. Logic low to enter low-power sleep mode.
Internal pull-down.
ABSOLUTE MAXIMUM RATINGS (1)
Supply voltage (VIN, VIN_LDO) ......... -0.3V to +18V
VSx .......................................... -0.3V to VIN +0.3V
VCP............................................. -0.3V to VIN +5V
AGND to PGND ........................... -0.3V to +0.3V
Voltage at all other pins .................... -0.3 to +5V
Continuous power dissipation (TA = 25°C) (2)
QFN-24 (3mmx4mm)
.............................. 2.6W
Junction temperature ................................ 150°C
Lead temperature...................................... 260°C
Storage temperature.................-65
C to +150C
Recommended Operating Conditions (3)
Supply voltage (VIN) ............................ 3V to 12V
Operating junction temp (TJ).....-40°C to +125°C
Thermal Resistance (4)
θJA
θJC
QFN-24 (3mmx4mm).…..…...48 ..…10......°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX) - TA) / θJA. Exceeding the maximum allowable power
dissipation may cause excessive die temperature, and the
regulator to go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Continuous current depends on PCB layout and ambient
temperature.
5) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com