Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6543BGL Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP6543BGL
Description  12V, 2A, Three-Phase Power Stage
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6543BGL Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP6543BGL Datasheet HTML 8Page - Monolithic Power Systems MP6543BGL Datasheet HTML 9Page - Monolithic Power Systems MP6543BGL Datasheet HTML 10Page - Monolithic Power Systems MP6543BGL Datasheet HTML 11Page - Monolithic Power Systems MP6543BGL Datasheet HTML 12Page - Monolithic Power Systems MP6543BGL Datasheet HTML 13Page - Monolithic Power Systems MP6543BGL Datasheet HTML 14Page - Monolithic Power Systems MP6543BGL Datasheet HTML 15Page - Monolithic Power Systems MP6543BGL Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
MP6543 – 12V, 2A, THREE-PHASE POWER STAGE
MP6543 Rev. 1.01
www.MonolithicPower.com
12
1/15/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
FUNCTIONAL BLOCK DIAGRAM (MP6543/MP6543A/MP6543B)
Charge
Pump
VIN
VIN
VCP
SA
SB
SC
LSS
G
SOC
SOB
SOA
UVLO Comparator
Fault
Handling
nFAULT
OCP Comparator
Timing and
Control
Logic
GND
HS Gate
Driver
LDO
V3P3
VIN
TSD
UVLO_REF
OC_REF
VREF (MCU)
LS Gate
Driver
VG
G
G
VCP
VCP
VG
Current
Measurement
(to ADC)
RTERM
3.3VOUT
Over-Current
Threshold
Program
OC_ADJ
VIN_LDO
VIN_LDO
nSLEEP
ENA/LSA/HA
PWMA/HSA/DIR
PWMB/HSB/PWM
PWMC/HSC/nBRAKE
ENB/LSB/HB
ENC/LSC/HC
Figure 1: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com