Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6543BGL Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP6543BGL
Description  12V, 2A, Three-Phase Power Stage
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6543BGL Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP6543BGL Datasheet HTML 1Page - Monolithic Power Systems MP6543BGL Datasheet HTML 2Page - Monolithic Power Systems MP6543BGL Datasheet HTML 3Page - Monolithic Power Systems MP6543BGL Datasheet HTML 4Page - Monolithic Power Systems MP6543BGL Datasheet HTML 5Page - Monolithic Power Systems MP6543BGL Datasheet HTML 6Page - Monolithic Power Systems MP6543BGL Datasheet HTML 7Page - Monolithic Power Systems MP6543BGL Datasheet HTML 8Page - Monolithic Power Systems MP6543BGL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MP6543
12V, 2A, Three-Phase Power Stage
MP6543 Rev. 1.01
www.MonolithicPower.com
1
1/15/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
DESCRIPTION
The MP6543 family of products are all three-
phase brushless DC motor drivers. They
integrate three half-bridges, consisting of six N-
channel power MOSFETs, along with pre-
drivers, gate drive power supplies, and current-
sense amplifiers.
The MP6543 has ENABLE and PWM inputs for
each ½-H-bridge. The MP6543A has separate
high-side and low-side inputs, while the
MP6543B has Hall-element inputs. Otherwise,
they are similar. References to the MP6543 in
this document apply to the other parts, unless
otherwise noted.
The MP6543 is able to deliver up 2A
continuously (depending on thermal and PCB
conditions), with the adjustable over-current
protection threshold. It uses an internal charge
pump to generate the gate drive supply voltage
for the high-side MOSFETs, and a trickle-
charge circuit to maintain sufficient gate drive
voltage to operate at 100% duty cycle.
Internal
safety
features
include
thermal
shutdown, under-voltage lockout (UVLO), and
over-current protection (OCP).
The MP6543, MP6543A, and MP6543B are
available in a 24-pin, 3mmx4mm QFN package
with an exposed thermal pad.
FEATURES
 3V to 12V Operating Supply Voltage
 Three Integrated Half-Bridge Drivers
 2A Continuous Output Current
 MOSFET On Resistance: 110mΩ per FET
 MP6543: ENBL & PWM Inputs
MP6543A: LS & HS Inputs
MP6543B: Hall-Signal Inputs
 Built-In 3.3V, 100mA LDO Regulator
 Internal Charge Pump Supports 100% Duty
Cycle Operation
 Automatic Synchronous Rectification
 Under-Voltage Lockout (UVLO) and
Thermal Shutdown Protection
 Over-Current Protection (OCP) with
Adjustable Threshold
 Integrated Bidirectional Current-Sense
Amplifiers
 Available in a QFN-24 (3mmx4mm)
Package
APPLICATIONS
 Three-Phase BLDC Motor Drivers
All MPS parts are lead-free, halogen free, and adhere to the RoHS
directive. For MPS green status, visit the MPS website under Quality
Assurance. “MPS”, the MPS logo, and “Simple, Easy Solutions” are
registered trademarks of Monolithic Power Systems, Inc. or its subsidiaries.
TYPICAL APPLICATION
MP6543/6543A/6543B Typical Application Circuit (QFN-24 3mmx4mm)


Similar Part No. - MP6543BGL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6543 MPS-MP6543 Datasheet
465Kb / 16P
12V, 2A, Three-Phase Power Stage
Rev. 1.01
MP6543AGL MPS-MP6543AGL Datasheet
465Kb / 16P
12V, 2A, Three-Phase Power Stage
Rev. 1.01
MP6543GL MPS-MP6543GL Datasheet
465Kb / 16P
12V, 2A, Three-Phase Power Stage
Rev. 1.01
MP6543GL-P MPS-MP6543GL-P Datasheet
465Kb / 16P
12V, 2A, Three-Phase Power Stage
Rev. 1.01
More results

Similar Description - MP6543BGL

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
FVRB PREMO-FVRB Datasheet
244Kb / 3P
Three Phase One Stage Filter for Regenerative Converters
FVDT PREMO-FVDT Datasheet
314Kb / 3P
Three Phase Double Stage
FVDT-D PREMO-FVDT-D Datasheet
118Kb / 1P
Three Phase Double Stage
FVSB PREMO-FVSB Datasheet
249Kb / 2P
Three Phase One Stage
FVST PREMO-FVST Datasheet
179Kb / 1P
Three Phase Double Stage
FVTO-IV PREMO-FVTO-IV Datasheet
219Kb / 2P
Three Phase Neutral Filters, Double Stage
logo
Sames
SA9605A SAMES-SA9605A_17 Datasheet
462Kb / 11P
Three Phase Power
logo
SparkFun Electronics
TOL-11296 SPARKFUN-TOL-11296 Datasheet
102Kb / 1P
Power Supply - 12V/5V (2A)
12/1/2015
logo
Coolgear Inc.
12VDC2A-B COOLGEAR-12VDC2A-B Datasheet
185Kb / 2P
12v 2A Power supply for Coolgear hubs
logo
Monolithic Power System...
MP6545 MPS-MP6545 Datasheet
786Kb / 20P
45V, 2.5A, Simple Three-Phase Power Stage
Rev. 1.1 5/12/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com