Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6543GL Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP6543GL
Description  12V, 2A, Three-Phase Power Stage
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6543GL Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP6543GL Datasheet HTML 1Page - Monolithic Power Systems MP6543GL Datasheet HTML 2Page - Monolithic Power Systems MP6543GL Datasheet HTML 3Page - Monolithic Power Systems MP6543GL Datasheet HTML 4Page - Monolithic Power Systems MP6543GL Datasheet HTML 5Page - Monolithic Power Systems MP6543GL Datasheet HTML 6Page - Monolithic Power Systems MP6543GL Datasheet HTML 7Page - Monolithic Power Systems MP6543GL Datasheet HTML 8Page - Monolithic Power Systems MP6543GL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MP6543 – 12V, 2A, THREE-PHASE POWER STAGE
MP6543 Rev. 1.01
www.MonolithicPower.com
3
1/15/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
PACKAGE REFERENCE
TOP VIEW
MP6543
TOP VIEW
MP6543A
TOP VIEW
MP6543B
QFN-24 (3mmx4mm)
PIN FUNCTIONS
Pin #
MP6543
Name
MP6543A
Name
MP6543B
Name
Description
1
ENA
-
-
Enable input for phase A.
-
LSA
-
Enable LS-FET for phase A.
-
-
HA
Hall-sensor input, phase A.
2
ENB
-
-
Enable input for phase B.
-
LSB
-
Enable LS-FET for phase B.
-
-
HB
Hall-sensor input, phase B.
3
ENC
-
-
Enable input for phase C.
-
LSC
-
Enable LS-FET for phase C.
-
-
HC
Hall-sensor input, phase C.
4
PWMA
-
-
PWM input for phase A.
-
HSA
-
Enable HS-FET for phase A.
-
-
DIR
Logic input to determine the direction of motor torque
output.
5
PWMB
-
-
PWM input for phase B.
-
HSB
-
Enable HS-FET for phase B.
-
-
PWM
External PWM control for speed/torque.
6
PWMC
-
-
PWM input for phase C.
-
HSC
-
Enable HS-FET for phase C.
-
-
nBRAKE Active-low logic input for a braking function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com