Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6543GL Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP6543GL
Description  12V, 2A, Three-Phase Power Stage
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6543GL Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP6543GL Datasheet HTML 1Page - Monolithic Power Systems MP6543GL Datasheet HTML 2Page - Monolithic Power Systems MP6543GL Datasheet HTML 3Page - Monolithic Power Systems MP6543GL Datasheet HTML 4Page - Monolithic Power Systems MP6543GL Datasheet HTML 5Page - Monolithic Power Systems MP6543GL Datasheet HTML 6Page - Monolithic Power Systems MP6543GL Datasheet HTML 7Page - Monolithic Power Systems MP6543GL Datasheet HTML 8Page - Monolithic Power Systems MP6543GL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MP6543 – 12V, 2A, THREE-PHASE POWER STAGE
MP6543 Rev. 1.01
www.MonolithicPower.com
5
1/15/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 10V, TA = 25°C, LSS = GND = 0V, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Power Supply
Input supply voltage
VIN, VIN_LDO
3
12
V
Quiescent current
I
Q
nSLEEP = 1, ENx = 0
2.5
3.2
mA
I
SLEEP
nSLEEP = 0
45
60
µA
Control Logic
Input logic low threshold
VIL
0.4
V
Input logic high threshold
VIH
1.5
V
Logic input current
IIN(H)
V = 3.3V
-20
20
µA
IIN(L)
V = 0V
-20
20
µA
Power-up delay
tPUD
At VIN rising or
nSLEEP rising
1.5
ms
Internal pull-down
resistance
R
PD
All logic Inputs
500
kΩ
nFAULT pull-down RON
R
ON(NFAULT)
15
Ω
V3P3 REGULATOR
LDO output
IOUT = 0 to 100 mA
3.3
3.45
3.6
V
Protection Circuits
UVLO threshold
V
UVLO
VIN rising
2.5
2.7
2.9
V
UVLO hysteresis
∆V
UVLO
150
mV
OCP threshold
I
OCP
ROCP = 0
4.7
6.2
8
A
ROCP = float
5.5
7.2
9
A
OCP deglitch time
tOCD
1
µs
Thermal shutdown (6)
TTSD
TJ rising
160
o
C
Thermal shutdown
hysteresis (6)
∆TTSD
25
o
C
Current Sense
Current-sense ratio
1/3600
1/4000
1/4400
A/A
Current-sense output
current
LS-FET current = 1A
225
250
275
µA
LS-FET current = -1A
-275
-250
-225
µA
Current-sense output
current
LS-FET current = 100mA
22.5
25
27.5
µA
LS-FET current = -100mA
-27.5
-25
-22.5
µA
Positive and negative
matching (ratio of
positive to negative)
LS-FET current = ±1A,
±100mA
95%
1
105%
Phase matching (ratio of
phase to phase)
LS-FET current = ±1A,
±100mA
95%
1
105%
Current-sense output
voltage swing
LS-FET current = ±0.25A
0
3.6
V
Output
HS-FET on resistance
RON(HS)
IOUT = 1A
90
110
135
mΩ
LS-FET on resistance
RON(LS)
IOUT = 1A
85
105
125
Output rise time (6)
RLOAD = 50Ω
25
ns
Output fall time (6)
RLOAD = 50Ω
25
ns
Dead time (6)
RLOAD = 50Ω
40
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com