Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6543GL Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP6543GL
Description  12V, 2A, Three-Phase Power Stage
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6543GL Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP6543GL Datasheet HTML 8Page - Monolithic Power Systems MP6543GL Datasheet HTML 9Page - Monolithic Power Systems MP6543GL Datasheet HTML 10Page - Monolithic Power Systems MP6543GL Datasheet HTML 11Page - Monolithic Power Systems MP6543GL Datasheet HTML 12Page - Monolithic Power Systems MP6543GL Datasheet HTML 13Page - Monolithic Power Systems MP6543GL Datasheet HTML 14Page - Monolithic Power Systems MP6543GL Datasheet HTML 15Page - Monolithic Power Systems MP6543GL Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
MP6543 – 12V, 2A, THREE-PHASE POWER STAGE
MP6543 Rev. 1.01
www.MonolithicPower.com
14
1/15/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
To terminate the outputs when using an A/D
converter with inputs that are ratiometric to its
supply voltage, use two equal-value resistors to
the ADC supply and ground. The resulting ADC
code will be half-scale at zero current. Figure 2
shows a simplified drawing of the current
measurement circuit.
Figure 2: Current Measurement Circuit Diagram
Automatic Synchronous Rectification
When driving current through an inductive load, if
the output MOSFETs are both turned off, the
recirculation current must continue to flow. This
current is normally passed through the MOSFET
body
diodes.
To
prevent
excess
power
dissipation in the body diodes, the MP6543
implements automatic synchronous rectification.
When both the HS-FET and LS-FET are turned
off and the voltage on an Sx output pin is driven
below ground, the LS-FET turns on until the
current flowing through it reaches zero, or the
HS-FET turns on. Similarly, if the voltage on the
Sx pin rises above VIN, the HS-FET turns on until
the current reaches zero, or the LS-FET turns on.
nFAULT Output
The MP6543 provides an nFAULT output pin,
which is driven active low in a fault condition,
such as over-current protection (OCP) or over-
temperature protection (OTP). This pin is an
open-drain output, and must be pulled up by an
external pull-up resistor.
Input UVLO Protection
If the voltage on VIN falls below the UVLO
threshold, all circuitry in the device is disabled
and the internal logic is reset. Normal operation
resumes when VIN rises above the UVLO
threshold.
Thermal Shutdown
If the die temperature exceeds safe limits, all
output FETs are disabled and nFAULT is driven
low. Normal operation resumes when the die
temperature has fallen to a safe level.
Over-Current Protection
The OCP circuit limits the current through each
FET by disabling its gate driver. If the over-
current limit threshold is reached, and lasts for
longer than the over-current deglitch time, all six
output FETs are disabled (outputs become high-
impedance) and nFAULT is driven low. The
current is then recirculated through the body
diodes. The over-current shutdown is latched
until either nSLEEP is reset or VIN is power-
cycled.
Over-current conditions on both high-side and
low-side devices (e.g. a short to ground, supply,
or across the motor winding) all result in an over-
current shutdown. Figure 3 shows a simplified
diagram of the OCP circuit for one output.
OC
Comparator
OC_REF
VIN
Sx
LSS
HS Sense Amp
LS Sense Amp
Small
FET
Large
FET
Large
FET
OC
Small
FET
Matched
Matched
Figure 3: OCP Circuit
OC_ADJ values are outside the specified value
range for over-current threshold.
Table 3: Over-Current Threshold
OC_ADJ Resistor
Value
Typ OC Threshold
0
6.2A
Float
7.2A
3.3V LDO Output
An internal LDO regulator generates a 3.3V
voltage with 100mA capacity, which can be used
to power a small low-power microcontroller. A
bypass capacitor between 4.7µF and 10µF is
required from the V3P3 pin to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com