Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5340 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS5340
Description  101 dB, 192kHz, MULTI-BIT AUDIO A/D CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5340 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS5340 Datasheet HTML 2Page - Cirrus Logic CS5340 Datasheet HTML 3Page - Cirrus Logic CS5340 Datasheet HTML 4Page - Cirrus Logic CS5340 Datasheet HTML 5Page - Cirrus Logic CS5340 Datasheet HTML 6Page - Cirrus Logic CS5340 Datasheet HTML 7Page - Cirrus Logic CS5340 Datasheet HTML 8Page - Cirrus Logic CS5340 Datasheet HTML 9Page - Cirrus Logic CS5340 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6
DS601F1
CS5340
ANALOG CHARACTERISTICS - AUTOMOTIVE GRADE
Test Conditions (unless otherwise specified): Input test signal is a 1 kHz sine wave; measurement bandwidth is
10 Hz to 20 kHz.
6.
Referred to the typical full-scale input voltage
Dynamic Performance for Automotive Grade
VA = 5 V
VA = 3.3 V
Single-Speed Mode
Fs = 48 kHz
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Dynamic Range
A-weighted
unweighted
93
90
101
98
-
-
90
87
98
95
-
-
dB
dB
Total Harmonic Distortion + Noise
(Note 5)
-1 dB
-20 dB
-60 dB
THD+N
-
-
-
-94
-78
-38
-86
-
-
-
-
-
-91
-75
-35
-83
-
-
dB
dB
dB
Double-Speed Mode
Fs = 96 kHz
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Dynamic Range
A-weighted
unweighted
40 kHz bandwidth unweighted
93
90
-
101
98
95
-
-
-
90
87
-
98
95
92
-
-
-
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 5)
-1 dB
-20 dB
-60 dB
40 kHz bandwidth
-1 dB
THD+N
-
-
-
-
-94
-78
-38
-91
-86
-
-
-
-
-
-
-
-91
-75
-35
-85
-83
-
-
-
dB
dB
dB
dB
Quad-Speed Mode
Fs = 192 kHz
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Dynamic Range
A-weighted
unweighted
40 kHz bandwidth unweighted
93
90
-
101
98
95
-
-
-
90
87
-
98
95
92
-
-
-
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 5)
-1 dB
-20 dB
-60 dB
40 kHz bandwidth
-1 dB
THD+N
-
-
-
-
-94
-78
-38
-91
-86
-
-
-
-
-
-
-
-91
-75
-35
-85
-83
-
-
-
dB
dB
dB
dB
Dynamic Performance All Modes
Min
Typ
Max
Unit
Interchannel Isolation
-
90
-
dB
DC Accuracy
Interchannel Gain Mismatch
-
0.1
-
dB
Gain Error
-10
-
+10
%
Gain Drift
-
±100
-
ppm/°C
Analog Input Characteristics
Full-Scale Input Voltage
0.50*VA
0.56*VA
0.62*VA
Vpp
Input Impedance
-
25
-
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com