Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5340 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS5340
Description  101 dB, 192kHz, MULTI-BIT AUDIO A/D CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5340 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS5340 Datasheet HTML 3Page - Cirrus Logic CS5340 Datasheet HTML 4Page - Cirrus Logic CS5340 Datasheet HTML 5Page - Cirrus Logic CS5340 Datasheet HTML 6Page - Cirrus Logic CS5340 Datasheet HTML 7Page - Cirrus Logic CS5340 Datasheet HTML 8Page - Cirrus Logic CS5340 Datasheet HTML 9Page - Cirrus Logic CS5340 Datasheet HTML 10Page - Cirrus Logic CS5340 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
DS601F1
7
CS5340
DIGITAL FILTER CHARACTERISTICS
7.
Filter characteristics scale precisely with Fs
8.
Response shown is for Fs equal to 48 kHz. Filter characteristics scale with Fs.
Parameter
Symbol
Min
Typ
Max
Unit
Single-Speed Mode
Passband
(-0.1 dB)
(Note 7)
0
-
0.4895
Fs
Passband Ripple
-0.035
-
0.035
dB
Stopband
(Note 7)
0.5687
-
-
Fs
Stopband Attenuation
70
-
-
dB
Total Group Delay (Fs = Output Sample Rate)
tgd
-12/Fs
-
s
Double-Speed Mode
Passband
(-0.1 dB)
(Note 7)
0
-
0.4895
Fs
Passband Ripple
-0.025
-
0.025
dB
Stopband
(Note 7)
0.5604
-
-
Fs
Stopband Attenuation
69
-
-
dB
Total Group Delay (Fs = Output Sample Rate)
tgd
-9/Fs
-
s
Quad-Speed Mode
Passband
(-0.1 dB)
(Note 7)
0
-
0.2604
Fs
Passband Ripple
-0.025
-
0.025
dB
Stopband
(Note 7)
0.5
-
-
Fs
Stopband Attenuation
60
-
-
dB
Total Group Delay (Fs = Output Sample Rate)
tgd
-5/Fs
-
s
High-Pass Filter Characteristics
Frequency Response
-3.0 dB
-0.13 dB
(Note 8)
-1
20
-
-
Hz
Hz
Phase Deviation
@ 20 Hz
(Note 8)
-10
-
Deg
Passband Ripple
--
0
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com