Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5340 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS5340
Description  101 dB, 192kHz, MULTI-BIT AUDIO A/D CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5340 Datasheet(HTML) 3 Page - Cirrus Logic

  CS5340 Datasheet HTML 1Page - Cirrus Logic CS5340 Datasheet HTML 2Page - Cirrus Logic CS5340 Datasheet HTML 3Page - Cirrus Logic CS5340 Datasheet HTML 4Page - Cirrus Logic CS5340 Datasheet HTML 5Page - Cirrus Logic CS5340 Datasheet HTML 6Page - Cirrus Logic CS5340 Datasheet HTML 7Page - Cirrus Logic CS5340 Datasheet HTML 8Page - Cirrus Logic CS5340 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
DS601F1
3
CS5340
LIST OF FIGURES
Figure 1.Single-Speed Mode Stopband Rejection ...................................................................................... 8
Figure 2.Single-Speed Mode Stopband Rejection ...................................................................................... 8
Figure 3.Single-Speed Mode Transition Band (Detail) ................................................................................ 8
Figure 4.Single-Speed Mode Passband Ripple .......................................................................................... 8
Figure 5.Double-Speed Mode Stopband Rejection ..................................................................................... 8
Figure 6.Double-Speed Mode Stopband Rejection ..................................................................................... 8
Figure 7.Double-Speed Mode Transition Band (Detail) .............................................................................. 9
Figure 8.Double-Speed Mode Passband Ripple ......................................................................................... 9
Figure 9.Quad-Speed Mode Stopband Rejection ....................................................................................... 9
Figure 10.Quad-Speed Mode Stopband Rejection ..................................................................................... 9
Figure 11.Quad-Speed Mode Transition Band (Detail) ............................................................................... 9
Figure 12.Quad-Speed Mode Passband Ripple ......................................................................................... 9
Figure 13.Master Mode, Left-Justified SAI ................................................................................................ 12
Figure 14.Slave Mode, Left-Justified SAI .................................................................................................. 12
Figure 15.Master Mode, I²S SAI ................................................................................................................ 12
Figure 16.Slave Mode, I²S SAI .................................................................................................................. 12
Figure 17.Typical Connection Diagram ..................................................................................................... 14
Figure 18.CS5340 Master Mode Clocking ................................................................................................ 16
Figure 19.I²S Serial Audio Interface .......................................................................................................... 17
Figure 20.Left-Justified Serial Audio Interface .......................................................................................... 17
Figure 21.CS5340 Recommended Analog Input Buffer ............................................................................ 18
Figure 22.CS5340 THD+N versus Frequency .......................................................................................... 19
LIST OF TABLES
Table 1. Speed Modes and the Associated Output Sample Rates (Fs) .................................................... 15
Table 2. CS5340 Mode Control ................................................................................................................. 15
Table 3. Master Clock (MCLK) Ratios ....................................................................................................... 17
Table 4. Master Clock (MCLK) Frequencies for Standard Audio Sample Rates ...................................... 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com