Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5364 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS5364
Description  114 dB, 192 kHz, 4-Channel A/D Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5364 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS5364 Datasheet HTML 4Page - Cirrus Logic CS5364 Datasheet HTML 5Page - Cirrus Logic CS5364 Datasheet HTML 6Page - Cirrus Logic CS5364 Datasheet HTML 7Page - Cirrus Logic CS5364 Datasheet HTML 8Page - Cirrus Logic CS5364 Datasheet HTML 9Page - Cirrus Logic CS5364 Datasheet HTML 10Page - Cirrus Logic CS5364 Datasheet HTML 11Page - Cirrus Logic CS5364 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
8
DS625F2
CS5364
Stand-Alone Mode
CLKMODE
34
CLKMODE (Input) - Setting this pin HIGH places a divide-by-1.5 circuit in the MCLK path to the
core device circuitry.
DIF1
DIF0
37
38
DIF1, DIF0 (Input) - Sets the serial audio interface format.
M1
M0
39
40
Mode Selection (Input) - Determines the operational mode of the device.
MDIV
42
MCLK Divider (Input) - Setting this pin HIGH places a divide-by-2 circuit in the MCLK path to the
core device circuitry.
Control Port Mode
CLKMODE
34
CLKMODE (Input) - This pin is ignored in Control Port Mode and the same functionality is
obtained from the corresponding bit in the Global Control Register. Note: Should be connected
to GND when using the part in Control Port Mode.
AD1/CDIN
37
I²C Format, AD1 (Input) - Forms the device address input AD[1].
SPI Format, CDIN (Input) - Becomes the input data pin.
AD0/CS
38
I²C Format, AD0 (Input) - Forms the device address input AD[0].
SPI Format, CS (Input) - Acts as the active low chip select input.
SCL/CCLK
39
I²C Format, SCL (Output) - Acts as the serial clock output from the CS5364.
SPI Format, CCLK (Output) - Acts as the serial clock output from the CS5364.
SDA/CDOUT
40
I²C Format SDA (Input/Output) - Acts as an input/output data pin.
SPI Format CDOUT (Output) - Acts as an output only data pin.
MDIV
42
MCLK Divider (Input) - This pin is ignored in Control Port Mode, and the same functionality is
obtained from the corresponding bit in the Global Control Register.
Note: Should be connected to GND when using the part in Control Port Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com