Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5364 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS5364
Description  114 dB, 192 kHz, 4-Channel A/D Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5364 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS5364 Datasheet HTML 9Page - Cirrus Logic CS5364 Datasheet HTML 10Page - Cirrus Logic CS5364 Datasheet HTML 11Page - Cirrus Logic CS5364 Datasheet HTML 12Page - Cirrus Logic CS5364 Datasheet HTML 13Page - Cirrus Logic CS5364 Datasheet HTML 14Page - Cirrus Logic CS5364 Datasheet HTML 15Page - Cirrus Logic CS5364 Datasheet HTML 16Page - Cirrus Logic CS5364 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
DS625F2
13
CS5364
ANALOG PERFORMANCE (AUTOMOTIVE)
Test Conditions (unless otherwise specified). VA = 5.25 to 4.75 V, VD = 5.25 to 3.14 V, VLS = VLC = 5.25 to 1.71 V
and TA = -40° to +85° C. Full-scale input sine wave. Measurement Bandwidth is 10 Hz to 20 kHz.
Parameter
Symbol
Min
Typ
Max
Unit
Single-Speed Mode
Fs = 48 kHz
Dynamic Range
A-weighted
unweighted
106
103
114
111
-dB
Total Harmonic Distortion + Noise
-1 dB
referred to typical full scale
-20 dB
-60 dB
THD+N
-
-105
-91
-51
-97
-
-45
dB
Double-Speed Mode
Fs = 96 kHz
Dynamic Range
A-weighted
unweighted
40 kHz bandwidth unweighted
106
103
-
114
111
108
-dB
Total Harmonic Distortion + Noise
-1 dB
referred to typical full scale
-20 dB
-60 dB
40 kHz bandwidth
-1 dB
THD+N
-
-105
-91
-51
-102
-97
-
-45
-
dB
Quad-Speed Mode
Fs = 192 kHz
Dynamic Range
A-weighted
unweighted
40 kHz bandwidth unweighted
106
103
-
114
111
108
-dB
Total Harmonic Distortion + Noise
-1 dB
referred to typical full scale
-20 dB
-60 dB
40 kHz bandwidth
-1 dB
THD+N
-
-105
-91
-51
-102
-97
-
-45
-
dB
Dynamic Performance for All Modes
Interchannel Isolation
-
110
-
dB
DC Accuracy
Interchannel Gain Mismatch
-
0.1
-
dB
Gain Error
-7
-
7
%
Gain Drift
-
± 100
-
ppm/°C
Offset Error
HPF enabled
HPF disabled
0
-
-
-
-
100
LSB
Analog Input Characteristics
Full-scale Input Voltage
1.02*VA
1.13*VA
1.24*VA
Vpp
Input Impedance (Differential)
250
-
k
Ω
Common Mode Rejection Ratio
CMRR
-
82
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com