Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5364 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS5364
Description  114 dB, 192 kHz, 4-Channel A/D Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5364 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS5364 Datasheet HTML 5Page - Cirrus Logic CS5364 Datasheet HTML 6Page - Cirrus Logic CS5364 Datasheet HTML 7Page - Cirrus Logic CS5364 Datasheet HTML 8Page - Cirrus Logic CS5364 Datasheet HTML 9Page - Cirrus Logic CS5364 Datasheet HTML 10Page - Cirrus Logic CS5364 Datasheet HTML 11Page - Cirrus Logic CS5364 Datasheet HTML 12Page - Cirrus Logic CS5364 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
DS625F2
9
CS5364
2. TYPICAL CONNECTION DIAGRAM
Figure 2. Typical Connection Diagram
For analog buffer configurations, refer to Cirrus Application Note AN241. Also, a low-cost single-ended-to-differen-
tial solution is provided on the Customer Evaluation Board.
FILT+
D
+
VA
V
+5V
5.1
Ω
1
μF
+
SDOUT2
DIF0/AD0/CS
Power Down
and Mode
Settings
0.01
μF
MODE0/SDA/CDOUT
MODE1/SCL/CCLK
REF_GND
VLC
AIN +
1
AIN -
1
Channel 1 Analog
Input Buffer
AIN +
2
AIN -
2
Channel 2 Analog
Input Buffer
AIN +
3
AIN -
3
Channel 3 Analog
Input Buffer
AIN +
4
AIN -
4
Channel 4 Analog
Input Buffer
0.1
μF
VQ
GND
220
μF
0.1
μF
+
1
μF
GND
DIF1/AD1/CDIN
RST
OVFL
0.01
0.01
μF
+5V to 3.3V
1
μF
+
A/D CONVERTER
CS5364
SDOUT1/TDM
SCLK
MCLK
Timing Logic
and Clock
Audio Data
Processor
MDIV
CLKMODE
6
40
36
37
38
41
42
34
30
27
31
24
25
23
LRCK/FS
26
RESERVED
+5V to 1.8V
5
7
8
47
48
1
2
13
14
11
12
3, 8,10, 15, 16, 17, 18,
19, 29, 32, 43, 44, 45, 46
33
4, 9
35
VLS
+5V to 1.8V
28
XTI
XTO
21
22
+5V
VX
20
Resistor may only be used if
VD is derived from VA. If used,
do not drive any other logic
from VD.
0.01
μF
μF
TDM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com