Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5366-CQZ Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS5366-CQZ
Description  114 dB, 192 kHz, 6-Channel A/D Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5366-CQZ Datasheet(HTML) 2 Page - Cirrus Logic

  CS5366-CQZ Datasheet HTML 1Page - Cirrus Logic CS5366-CQZ Datasheet HTML 2Page - Cirrus Logic CS5366-CQZ Datasheet HTML 3Page - Cirrus Logic CS5366-CQZ Datasheet HTML 4Page - Cirrus Logic CS5366-CQZ Datasheet HTML 5Page - Cirrus Logic CS5366-CQZ Datasheet HTML 6Page - Cirrus Logic CS5366-CQZ Datasheet HTML 7Page - Cirrus Logic CS5366-CQZ Datasheet HTML 8Page - Cirrus Logic CS5366-CQZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
2
DS626F2
CS5366
Description
The CS5366 is a complete 6-channel analog-to-digital converter for digital audio systems. It performs sampling, an-
alog-to-digital conversion, and anti-alias filtering, generating 24-bit values for all 6-channel inputs in serial form at
sample rates up to 216 kHz per channel.
The CS5366 uses a 5th-order, multi-bit delta sigma modulator followed by low latency digital filtering and decima-
tion, which removes the need for an external anti-aliasing filter. The ADC uses a differential input architecture which
provides excellent noise rejection.
Dedicated level translators for the Serial Port and Control Port allow seamless interfacing between the CS5366 and
other devices operating over a wide range of logic levels. In addition, an on-chip oscillator driver provides clocking
flexibility and simplifies design.
The CS5366 is the industry’s first audio A/D to support a high-speed TDM interface which provides a serial output
of 6 channels of audio data with sample rates up to 216 kHz within a single data stream. It further reduces layout
complexity and relieves input/output constraints in digital signal processors.
The CS5366 is available in 48-pin LQFP package in both Commercial (-40° to 85°C) and Automotive grades
(-40° to +105°C). The CDB5366 Customer Demonstration board is also available for device evaluation and
implementation suggestions. Please see “Ordering Information” on page 41 for complete ordering information.
The CS5366 is ideal for high-end and pro-audio systems requiring unrivaled sound quality, transparent conversion,
wide dynamic range and negligible distortion, such as A/V receivers, digital mixing consoles, multi-channel record-
ers, outboard converters, digital effect processors, and automotive audio systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com