Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5366-CQZ Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS5366-CQZ
Description  114 dB, 192 kHz, 6-Channel A/D Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5366-CQZ Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS5366-CQZ Datasheet HTML 29Page - Cirrus Logic CS5366-CQZ Datasheet HTML 30Page - Cirrus Logic CS5366-CQZ Datasheet HTML 31Page - Cirrus Logic CS5366-CQZ Datasheet HTML 32Page - Cirrus Logic CS5366-CQZ Datasheet HTML 33Page - Cirrus Logic CS5366-CQZ Datasheet HTML 34Page - Cirrus Logic CS5366-CQZ Datasheet HTML 35Page - Cirrus Logic CS5366-CQZ Datasheet HTML 36Page - Cirrus Logic CS5366-CQZ Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
DS626F2
33
CS5366
Bits[5:4] MDIV[1:0] Each bit selects an XTI divider. When either bit is low, an XTI divide-by-1 function is
selected. When either bit is HIGH, an XTI divide-by-2 function is selected. With both bits HIGH, XTI is divid-
ed by 4.
The table below shows the composite XTI division using both CLKMODE and MDIV[1:0].
Bits[3:2] DIF[1:0] Determine which data format the serial audio interface is using to clock-out data.
DIF[1:0]
0x00 Left-Justified format
0x01 I²S format
0x02 TDM
0x03 Reserved
Bits[1:0] MODE[1:0] This bit field determines the device sample rate range and whether it is operating as
an audio clocking Master or Slave.
MODE[1:0]
0x00 Single-Speed Mode Master
0x01 Double-Speed Mode Master
0x02 Quad-Speed Mode Master
0x03 Slave Mode all speeds
5.4
02h (OVFL) Overflow Status Register
Default: 0xFF, no overflows have occurred.
Note: This register interacts with Register 03h, the Overflow Mask Register.
The Overflow Status Register is used to indicate an individual overflow in a channel. If an overflow condition
on any channel is detected, the corresponding bit in this register is asserted (low) in addition to the open
drain active low OVFL pin going low. Each overflow status bit is sticky and is cleared only when read, pro-
viding full interrupt capability.
5.5
03h (OVFM) Overflow Mask Register
Default: 0xFF, all overflow interrupts enabled.
The Overflow Mask Register is used to allow or prevent individual channel overflow events from creating
activity on the OVFL pin. When a particular bit is set low in the Mask register, the corresponding overflow
bit in the Overflow Status register is prevented from causing any activity on the OVFL pin.
CLKMODE,MDIV[1],MDIV[0]
DESCRIPTION
000
Divide-by-1
100
Divide-by-1.5
001 or 010
Divide-by-2
101 or 110
Divide-by-3
011
Divide-by-4
111
Reserved
R/W
7
654
3
21
0
R
RESERVED RESERVED
OVFL6
OVFL5
OVFL4
OVFL3
OVFL2
OVFL1
R/W
7
654
3
21
0
R/W
RESERVED RESERVED
OVFM6
OVFM5
OVFM4
OVFM3
OVFM2
OVFM1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com