Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5366-CQZ Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS5366-CQZ
Description  114 dB, 192 kHz, 6-Channel A/D Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5366-CQZ Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS5366-CQZ Datasheet HTML 22Page - Cirrus Logic CS5366-CQZ Datasheet HTML 23Page - Cirrus Logic CS5366-CQZ Datasheet HTML 24Page - Cirrus Logic CS5366-CQZ Datasheet HTML 25Page - Cirrus Logic CS5366-CQZ Datasheet HTML 26Page - Cirrus Logic CS5366-CQZ Datasheet HTML 27Page - Cirrus Logic CS5366-CQZ Datasheet HTML 28Page - Cirrus Logic CS5366-CQZ Datasheet HTML 29Page - Cirrus Logic CS5366-CQZ Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 41 page
background image
26
DS626F2
CS5366
Table 9. Frequencies for 96 kHz Sample Rate using TDM
Table 10. Frequencies for 96 kHz Sample Rate using TDM
Table 11. Frequencies for 192 kHz Sample Rate using TDM
Table 12. Frequencies for 192 kHz Sample Rate using TDM
TDM MASTER
DSM Fs = 96 kHz
MCLK Divider
÷4
÷3
÷2-
-
MCLK (MHz)
49.152
36.864
24.567
-
-
SCLK (MHz)
24.576
24.576
24.576
-
-
MCLK/FS Ratio
512
384
256
-
-
SCLK/FS Ratio
256
256
256
-
-
TDM SLAVE
DSM Fs = 96 kHz
MCLK Divider
÷4
÷3
÷2
÷1.5
÷1
MCLK (MHz)
49.152
36.864
24.567
18.384
12.288
SCLK (MHz)
24.576
24.576
24.576
24.576
24.576
MCLK/FS Ratio
512
384
256
192
128
SCLK/FS Ratio
256
256
256
256
256
TDM MASTER
QSM Fs = 192 kHz
MCLK Divider
÷4
--
-
-
MCLK (MHz)
49.152
-
-
-
-
SCLK (MHz)
49.152
-
-
-
-
MCLK/FS Ratio
256
-
-
-
-
SCLK/FS Ratio
256
-
-
-
-
TDM SLAVE
QSM Fs = 192 kHz
MCLK Divider
÷4
÷3
÷2
÷1.5
÷1
MCLK (MHz)
49.152
36.864
24.567
18.384
12.288
SCLK (MHz)
49.152
49.152
49.152
49.152
49.152
MCLK/FS Ratio
256
192
128
96
64
SCLK/FS Ratio
256
256
256
256
256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com