Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5345 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS5345
Description  104 dB, 24-Bit, 192 kHz Stereo Audio ADC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5345 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS5345 Datasheet HTML 10Page - Cirrus Logic CS5345 Datasheet HTML 11Page - Cirrus Logic CS5345 Datasheet HTML 12Page - Cirrus Logic CS5345 Datasheet HTML 13Page - Cirrus Logic CS5345 Datasheet HTML 14Page - Cirrus Logic CS5345 Datasheet HTML 15Page - Cirrus Logic CS5345 Datasheet HTML 16Page - Cirrus Logic CS5345 Datasheet HTML 17Page - Cirrus Logic CS5345 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
14
DS658F2
CS5345
PGAOUT ANALOG CHARACTERISTICS
(Continued)
12. Guaranteed by design.
VA = 3.13 V to 5.25 V
Parameter
Symbol
Commercial Grade
Automotive Grade
Unit
Min
Typ
Max
Min
Typ
Max
DC Accuracy with PGA Line Level Input Selected
Interchannel Gain Mismatch
-
0.1
-
-
0.1
-
dB
Gain Error
-
±5-
-
±5-
%
Gain Drift
-
±100
-
-
±100
-
ppm/°C
DC Accuracy with PGA Mic Level Input Selected
Interchannel Gain Mismatch
-
0.3
-
-
0.3
-
dB
Gain Error
-
±5-
-
±5-
%
Gain Drift
-
±300
-
-
±300
-
ppm/°C
Analog Output
Frequency Response 10 Hz to 20 kHz
(Note 12)
-0.1dB
-
+0.1dB -0.1dB
-
+0.1dB
dB
Analog In to Analog Out Phase Shift
-
180
-
-
180
-
deg
DC Current draw from a PGAOUT pin
IOUT
--
1
-
-
1
μA
AC-Load Resistance
RL
100
-
-
100
-
-
k
Ω
Load Capacitance
CL
-
-
20
-
-
20
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com