Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5345 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS5345
Description  104 dB, 24-Bit, 192 kHz Stereo Audio ADC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5345 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS5345 Datasheet HTML 20Page - Cirrus Logic CS5345 Datasheet HTML 21Page - Cirrus Logic CS5345 Datasheet HTML 22Page - Cirrus Logic CS5345 Datasheet HTML 23Page - Cirrus Logic CS5345 Datasheet HTML 24Page - Cirrus Logic CS5345 Datasheet HTML 25Page - Cirrus Logic CS5345 Datasheet HTML 26Page - Cirrus Logic CS5345 Datasheet HTML 27Page - Cirrus Logic CS5345 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
24
DS658F2
CS5345
4.2.2
Master Mode
As a clock master, LRCK and SCLK will operate as outputs. LRCK and SCLK are internally derived from
MCLK with LRCK equal to Fs and SCLK equal to 64 x Fs as shown in Figure 8.
4.2.3
Slave Mode
In Slave Mode, SCLK and LRCK operate as inputs. The Left/Right clock signal must be equal to the sam-
ple rate, Fs, and must be synchronously derived from the supplied master clock, MCLK.
The serial bit clock, SCLK, must be synchronously derived from the master clock, MCLK, and be equal to
128x, 64x, 48x or 32x Fs, depending on the desired speed mode. Refer to Table 3 for required clock ra-
tios.
4.3
High-Pass Filter and DC Offset Calibration
When using operational amplifiers in the input circuitry driving the CS5345, a small DC offset may be driven
into the A/D converter. The CS5345 includes a high-pass filter after the decimator to remove any DC offset
which could result in recording a DC level, possibly yielding clicks when switching between devices in a mul-
tichannel system.
The high-pass filter continuously subtracts a measure of the DC offset from the output of the decimation
filter. If the HPFFreeze bit (See “High-Pass Filter Freeze (Bit 1)” on page 32.) is set during normal operation,
the current value of the DC offset for the each channel is frozen and this DC offset will continue to be sub-
tracted from the conversion result. This feature makes it possible to perform a system DC offset calibration
by:
1. Running the CS5345 with the high-pass filter enabled until the filter settles. See the Digital Filter Char-
acteristics section for filter settling time.
2. Disabling the high-pass filter and freezing the stored DC offset.
A system calibration performed in this way will eliminate offsets anywhere in the signal path between the
calibration point and the CS5345.
Single-Speed
Double-Speed
Quad-Speed
SCLK/LRCK Ratio
32x, 48x, 64x, 128x
32x, 48x, 64x
32x, 48x, 64x
Table 3. Slave Mode Serial Bit Clock Ratios
÷256
÷128
÷64
÷4
÷2
÷1
00
01
10
00
01
10
LRCK
SCLK
000
001
010
÷1
÷1.5
÷2
011
100
÷3
÷4
MCLK
FM Bits
MCLK Freq Bits
Figure 8. Master Mode Clocking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com