Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5345 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS5345
Description  104 dB, 24-Bit, 192 kHz Stereo Audio ADC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5345 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS5345 Datasheet HTML 18Page - Cirrus Logic CS5345 Datasheet HTML 19Page - Cirrus Logic CS5345 Datasheet HTML 20Page - Cirrus Logic CS5345 Datasheet HTML 21Page - Cirrus Logic CS5345 Datasheet HTML 22Page - Cirrus Logic CS5345 Datasheet HTML 23Page - Cirrus Logic CS5345 Datasheet HTML 24Page - Cirrus Logic CS5345 Datasheet HTML 25Page - Cirrus Logic CS5345 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
22
DS658F2
CS5345
3. TYPICAL CONNECTION DIAGRAM
VLS
0.1 µF
+1.8V
to +5V
DGND
VLC
0.1 µF
+1.8V
to +5V
SCL/CCLK
SDA/CDOUT
AD1/CDIN
RESET
2 k
Ω
See Note 1
AGND
AD0/CS
Note 1: Resistors are required
for I²C control port operation
Micro-
Controller
0.1 µF
VA
* Capacitors must be C0G or equivalent
Digital Audio
Capture
LRCK
SDOUT
MCLK
SCLK
PGAOUTA
PGAOUTB
2.2nF
AFILTA
AFILTB
OVFL
2.2nF
3.3 µF
3.3 µF
47 µF
0.1 µF
VQ
FILT+
10 µF
AGND
**
2 k
Ω
INT
47 µF
AIN1A
Left Analog Input 1
10 µF
10 µF
1800 pF
1800 pF
100 k
Ω
100 k
Ω
100
Ω
100
Ω
AIN1B
Right Analog Input 1
AIN2A
Left Analog Input 2
10 µF
10 µF
1800 pF
1800 pF
100 k
Ω
100 k
Ω
100
Ω
100
Ω
AIN2B
Right Analog Input 2
AIN3A
Left Analog Input 3
10 µF
10 µF
1800 pF
1800 pF
100 k
Ω
100 k
Ω
100
Ω
100
Ω
AIN3B
Right Analog Input 3
AIN4A/MICIN1
Left Analog Input 4
10 µF
10 µF
1800 pF
1800 pF
100 k
Ω
100 k
Ω
100
Ω
100
Ω
AIN4B/MICIN2
Right Analog Input 4
AIN5A
Left Analog Input 5
10 µF
10 µF
1800 pF
1800 pF
100 k
Ω
100 k
Ω
100
Ω
100
Ω
AIN5B
Right Analog Input 5
AIN6A
Left Analog Input 6
10 µF
10 µF
1800 pF
1800 pF
100 k
Ω
100 k
Ω
100
Ω
100
Ω
AIN6B
Right Analog Input 6
MICBIAS
AGND
0.1 µF
*
*
*
*
*
*
*
*
*
*
*
*
NC
NC
NC
NC
NC
TSTI
TSTO
TSTO
TSTO
10 µF
+3.3V to +5V
0.1 µF
10 µF
0.1 µF
VA
VD
+3.3V to +5V
RL
See Note 2
Note 2 The value of RL is
dictated by the microphone
carteridge.
CS5345
Figure 7. Typical Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com