Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWD5T60 Datasheet(PDF) 12 Page - STMicroelectronics

Part # PWD5T60
Description  Compact high-voltage three-phase power stage with integrated gate driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PWD5T60 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button PWD5T60 Datasheet HTML 8Page - STMicroelectronics PWD5T60 Datasheet HTML 9Page - STMicroelectronics PWD5T60 Datasheet HTML 10Page - STMicroelectronics PWD5T60 Datasheet HTML 11Page - STMicroelectronics PWD5T60 Datasheet HTML 12Page - STMicroelectronics PWD5T60 Datasheet HTML 13Page - STMicroelectronics PWD5T60 Datasheet HTML 14Page - STMicroelectronics PWD5T60 Datasheet HTML 15Page - STMicroelectronics PWD5T60 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
6
Functional description
6.1
Inputs and outputs
The device is controlled through the following logic inputs:
•
EN: enable input, active high;
•
LIN: low-side driver inputs, active high;
•
HIN: high-side driver inputs, active high.
Table 9. Inputs truth table (applicable when the device is not in UVLO or SmartSD protection)
Input pins
Output pins
EN
LIN
HIN
LVG
HVG
L
X
X
OFF
OFF
H
L
L
OFF
OFF
H
H
L
ON
OFF
H
L
H
OFF
ON
Interlocking
H
H
H
OFF
OFF
Note:
X : Do not care.
The FAULT and OD pins are open-drain outputs.
The FAULT signal is set low in case VCC UVLO is detected, or in case the SmartShutDown comparator triggers
an event. It is only used to signal a UVLO or SmartSD activation to external circuits, and its state does not affect
the behavior of other functions or circuits inside the driver.
The OD behavior is explained in Section 6.5.
6.2
Deadtime
The deadtime feature, in companion with the interlocking feature, guarantees that driver outputs of the same
channel are not high simultaneously and at least a DT time passes between the turn-off of one driver's output and
the turn-on of the companion output of the same channel. If a deadtime longer than the internal DT is applied to
the LIN and HIN inputs by the external controller, the internal DT is ignored and the outputs follow the deadtime
determined by the inputs.
PWD5T60
Functional description
DS14558 - Rev 2
page 12/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com