Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWD5T60 Datasheet(PDF) 17 Page - STMicroelectronics

Part # PWD5T60
Description  Compact high-voltage three-phase power stage with integrated gate driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PWD5T60 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button PWD5T60 Datasheet HTML 13Page - STMicroelectronics PWD5T60 Datasheet HTML 14Page - STMicroelectronics PWD5T60 Datasheet HTML 15Page - STMicroelectronics PWD5T60 Datasheet HTML 16Page - STMicroelectronics PWD5T60 Datasheet HTML 17Page - STMicroelectronics PWD5T60 Datasheet HTML 18Page - STMicroelectronics PWD5T60 Datasheet HTML 19Page - STMicroelectronics PWD5T60 Datasheet HTML 20Page - STMicroelectronics PWD5T60 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
7
Typ application
Figure 15. Typical application 3-phase single-shunt
+
+
V
W
U
SGND
PGND
LOGIC
SHOOT
THROUGH
PREVENTION
DEADTIME
Floating structure
+5V
IOD
+
VREF
+
-
+5V
OverTemperature
Protection
VCC UVLO
Detection
EN
noise filter
Input
noise filter
Input
noise filter
Input
noise filter
smartSD
Comparator
input filter
Floating structure
Floating structure
VCC UVLO
VCC UVLO
VCC
VCC
VCC
D1
D2
D3
VBO UVLO &
Level shifter
VBO UVLO &
Level shifter
VBO UVLO &
Level shifter
VCC
VCC
VCC
LVG1
LVG2
LVG3
BOOT3
OUT3
HVG3
BOOT1
OUT1
HVG1
BOOT2
OUT2
HVG2
Input
noise filter
Input
noise filter
Input
noise filter
VCC
HIN1
HIN2
HIN3
LIN1
LIN2
LIN3
EN
OD
FAULT
OUT1
OUT2
VS
VCC
VDD
GND
MCU
OUT3
CBOOT3
CBOOT2
CBOOT1
CBULK
VDD
VCC
HV BUS
PWD5T60
Typ application
DS14558 - Rev 2
page 17/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com