Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWD5T60 Datasheet(PDF) 18 Page - STMicroelectronics

Part # PWD5T60
Description  Compact high-voltage three-phase power stage with integrated gate driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PWD5T60 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button PWD5T60 Datasheet HTML 14Page - STMicroelectronics PWD5T60 Datasheet HTML 15Page - STMicroelectronics PWD5T60 Datasheet HTML 16Page - STMicroelectronics PWD5T60 Datasheet HTML 17Page - STMicroelectronics PWD5T60 Datasheet HTML 18Page - STMicroelectronics PWD5T60 Datasheet HTML 19Page - STMicroelectronics PWD5T60 Datasheet HTML 20Page - STMicroelectronics PWD5T60 Datasheet HTML 21Page - STMicroelectronics PWD5T60 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
8
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
8.1
VFQFPN 12x12x0.95 mm, 36 leads, 0.65 mm pitch, package information
Table 10. Package dimensions
Symbol
Dimensions [mm]
Min.
Typ.
Max
A
0.80
0.90
1.00
A1
0.000
0.020
0.050
A3
0.203 REF
b
0.25
0.30
0.35
b1
0.35
0.40
0.45
b2
0.95
1.00
1.05
b3
1.85
1.90
1.95
D
12.00 BSC
E
12.00 BSC
e
0.65 BSC
e1
1.50 BSC
e2
0.60 BSC
e3
1.30 BSC
D1
4.231
4.331
4.431
E1
3.236
3.336
3.436
D2
2.916
3.016
3.116
E2
2.300
2.400
2.500
D3
3.388
3.488
3.588
E3
2.300
2.400
2.500
D4
2.020
2.120
2.220
E4
0.812
0.912
1.012
D5
2.388
2.488
2.588
E5
0.812
0.912
1.012
D6
2.452
2.552
2.652
D6-1
2.956
3.056
3.156
D6-2
0.404
0.504
0.604
E6
3.108
3.208
3.308
E6-1
0.605
0.705
0.805
D7
7.640
7.740
7.840
E7
3.300
3.400
3.500
K
0.900
1.000
1.100
L
0.450
0.550
0.650
PWD5T60
Package information
DS14558 - Rev 2
page 18/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com