Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42516 Datasheet(PDF) 49 Page - Cirrus Logic

Part # CS42516
Description  110 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42516 Datasheet(HTML) 49 Page - Cirrus Logic

Back Button CS42516 Datasheet HTML 45Page - Cirrus Logic CS42516 Datasheet HTML 46Page - Cirrus Logic CS42516 Datasheet HTML 47Page - Cirrus Logic CS42516 Datasheet HTML 48Page - Cirrus Logic CS42516 Datasheet HTML 49Page - Cirrus Logic CS42516 Datasheet HTML 50Page - Cirrus Logic CS42516 Datasheet HTML 51Page - Cirrus Logic CS42516 Datasheet HTML 52Page - Cirrus Logic CS42516 Datasheet HTML 53Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 91 page
background image
DS583F1
49
CS42516
Receiver Mode Control (address 1Eh) register to set the appropriate sample rate.
6.4.5
RECEIVER DE-EMPHASIS CONTROL (RCVR_DEM)
Default = 0
Function:
When enabled, de-emphasis will be automatically applied when emphasis is detected based on the
channel status bits. The appropriate digital filter will be selected to maintain the standard 15
µs/50µs
digital de-emphasis filter response at the auto-detected sample rate of either 32, 44.1, or 48 kHz. If
the FRC_PLL_LK bit is set to a ‘1’b, then the auto-detect sample rate feature is disabled. To apply
the correct de-emphasis filter, use the DE-EMPH bits in the Receiver Mode Control (address 1Eh)
register to set the appropriate sample rate.
DAC_DEM
reg03h[1]
FRC_PLL_LK
reg06h[0]
DE-EMPH[1:0]
reg1Eh[5:4]
De-Emphasis
Mode
0
X
XX
No De-Emphasis
1
0
XX
Auto-Detect Fs
11
00
01
10
11
Reserved
32 kHz
44.1 kHz
48 kHz
Table 5. DAC De-Emphasis
RCVR_DEM
reg03h[0]
FRC_PLL_LK
reg06h[0]
DE-EMPH[1:0]
reg1Eh[5:4]
De-Emphasis
Mode
0
X
XX
No De-Emphasis
1
0
XX
Auto-Detect Fs
11
00
01
10
11
Reserved
32 kHz
44.1 kHz
48 kHz
Table 6. Receiver De-Emphasis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com