Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42516 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS42516
Description  110 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42516 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS42516 Datasheet HTML 28Page - Cirrus Logic CS42516 Datasheet HTML 29Page - Cirrus Logic CS42516 Datasheet HTML 30Page - Cirrus Logic CS42516 Datasheet HTML 31Page - Cirrus Logic CS42516 Datasheet HTML 32Page - Cirrus Logic CS42516 Datasheet HTML 33Page - Cirrus Logic CS42516 Datasheet HTML 34Page - Cirrus Logic CS42516 Datasheet HTML 35Page - Cirrus Logic CS42516 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 91 page
background image
32
DS583F1
CS42516
4.6.3
ADCIN1/ADCIN2 Serial Data Format
The two serial data lines which interface to the optional external ADCs, ADCIN1 and ADCIN2, support
only left-justified, 24-bit samples at 64Fs or 128Fs. This interface is not affected by any of the serial port
configuration register bit settings. These serial data lines are used when supporting One-Line Mode of
operation with external ADCs attached. If these signals are not being used, they should be tied together
and wired to GND via a pull-down resistor.
For proper operation, the CS42516 must be configured to select which SCLK/LRCK is being used to clock
the external ADCs. The EXT ADC SCLK bit in register “Misc Control (address 05h)” on page 51 must be
set accordingly. Set this bit to ‘1’ if the external ADCs are wired using the CODEC_SP clocks. If the ADCs
are wired to use the SAI_SP clocks, set this bit to ‘0’.
CX_LRCK
SAI_LRCK
CX_SCLK
SAI_SCLK
Left Channel
Right Channel
ADCIN1/2
+3 +2 +1
+5 +4
-1 -2 -3 -4 -5
+3 +2 +1
+5 +4
-1 -2 -3 -4
MSB
LSB
MSB
LSB
Figure 15. ADCIN1/ADCIN2 Serial Audio Format
Left-Justified Mode, Data Valid on Rising Edge of SCLK
Bits/Sample
SCLK Rate(s)
Notes
24
64, 128 Fs
Single-Speed Mode, Fs= 32, 44.1, 48 kHz
64 Fs
Double-Speed Mode, Fs= 64, 88.2, 96 kHz
not supported
Quad-Speed Mode, Fs= 176.4, 192 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com