Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42516 Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS42516
Description  110 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42516 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS42516 Datasheet HTML 29Page - Cirrus Logic CS42516 Datasheet HTML 30Page - Cirrus Logic CS42516 Datasheet HTML 31Page - Cirrus Logic CS42516 Datasheet HTML 32Page - Cirrus Logic CS42516 Datasheet HTML 33Page - Cirrus Logic CS42516 Datasheet HTML 34Page - Cirrus Logic CS42516 Datasheet HTML 35Page - Cirrus Logic CS42516 Datasheet HTML 36Page - Cirrus Logic CS42516 Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 91 page
background image
DS583F1
33
CS42516
4.6.4
One-Line Mode (OLM) Configurations
4.6.4.1
OLM Config #1
One-Line Mode Configuration #1 can support up to 6 channels of DAC data, 6 channels of ADC data and
2 channels of S/PDIF received data. This is the only configuration which will support up to 24-bit samples
at a sampling frequency of 48 kHz on all channels for both the DAC and ADC.
Register / Bit Settings
Description
Functional Mode Register (addr = 03h)
Set CODEC_FMx = SAI_FMx = 00,01,10
CX_LRCK must equal SAI_LRCK; sample rate conversion not supported
Set ADC_SP SELx = 00
Configure ADC data on CX_SDOUT, S/PDIF data on SAI_SDOUT
Interface Format Register (addr = 04h)
Set DIFx bits to proper serial format
Select the digital interface format when not in One-Line Mode
Set ADC_OLx bits = 00,01,10
Select ADC operating mode, see table below for valid combinations
Set DAC_OLx bits = 00,01,10
Select DAC operating mode, see table below for valid combinations
Misc. Control Register (addr = 05h)
Set CODEC_SP M/S = 1
Configure CODEC Serial Port to master mode.
Set SAI_SP M/S = 1
Configure Serial Audio Interface Port to master mode.
Set EXT ADC SCLK = 0
Identify external ADC clock source as SAI Serial Port.
DAC Mode
Not One-Line Mode
One-Line Mode #1
One-Line Mode #2
ADC Mode
Not One-
Line Mode
CX_SCLK=64 Fs
CX_LRCK=SSM/DSM/QSM
SAI_SCLK=64 Fs
SAI_LRCK=CX_LRCK
CX_SCLK=128 Fs
CX_LRCK=SSM/DSM
SAI_SCLK=64 Fs
SAI_LRCK=CX_LRCK
not valid
One-Line
Mode #1
CX_SCLK=128 Fs
CX_LRCK=SSM/DSM
SAI_SCLK=64 Fs
SAI_LRCK=CX_LRCK
CX_SCLK=128 Fs
CX_LRCK=SSM/DSM
SAI_SCLK=64 Fs
SAI_LRCK=CX_LRCK
not valid
One-Line
Mode #2
CX_SCLK=256 Fs
CX_LRCK=SSM
SAI_SCLK=64 Fs
SAI_LRCK=CX_LRCK
not valid
CX_SCLK=256 Fs
CX_LRCK=SSM
SAI_SCLK=64 Fs
SAI_LRCK=CX_LRCK
SCLK_PORT1
LRCK_PORT1
SDIN_PORT1
SCLK_PORT2
LRCK_PORT2
SDIN_PORT2
SCLK_PORT3
LRCK_PORT3
SDOUT1_PORT3
SDOUT2_PORT3
SDOUT3_PORT3
SAI_SCLK
SAI_LRCK
SAI_SDOUT
CX_SCLK
CX_LRCK
CX_SDOUT
CX_SDIN1
CX_SDIN2
CX_SDIN3
RMCK
ADCIN1
ADCIN2
MCLK
SDOUT1
SDOUT2
LRCK
SCLK
64Fs
SPDIF Data
ADC Data
64Fs,128Fs, 256Fs
DIGITAL AUDIO
PROCESSOR
CS5361
CS5361
MCLK
Figure 16. OLM Configuration #1
CS42516



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com