Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS44600 Datasheet(PDF) 46 Page - Cirrus Logic

Part # CS44600
Description  6-Channel Digital Amplifier Controller
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44600 Datasheet(HTML) 46 Page - Cirrus Logic

Back Button CS44600 Datasheet HTML 42Page - Cirrus Logic CS44600 Datasheet HTML 43Page - Cirrus Logic CS44600 Datasheet HTML 44Page - Cirrus Logic CS44600 Datasheet HTML 45Page - Cirrus Logic CS44600 Datasheet HTML 46Page - Cirrus Logic CS44600 Datasheet HTML 47Page - Cirrus Logic CS44600 Datasheet HTML 48Page - Cirrus Logic CS44600 Datasheet HTML 49Page - Cirrus Logic CS44600 Datasheet HTML 50Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 76 page
background image
21h
Chnl A3 Comp.
Filter - Fine Adj
RESERVED
RESERVED
CHA3_FINE5
CHA3_FINE4
CHA3_FINE3
CHA3_FINE2
CHA3_FINE1
CHA3_FINE0
page 61
default
0
0
0
0
0
0
0
0
22h
Chnl B3 Comp.
Filter - Coarse Adj
RESERVED
RESERVED
CHB3_CORS5
CHB3_CORS4
CHB3_CORS3
CHB3_CORS2
CHB3_CORS1
CHB3_CORS0
page 60
default
0
0
0
0
0
0
0
0
23h
Chnl B3 Comp.
Filter - Fine Adj
RESERVED
RESERVED
CHB3_FINE5
CHB3_FINE4
CHB3_FINE3
CHB3_FINE2
CHB3_FINE1
CHB3_FINE0
page 61
default
0
0
0
0
0
0
0
0
24h
Reserved
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
default
0
0
0
0
0
0
0
0
25h
Reserved
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
default
0
0
0
0
0
0
0
0
26h
Reserved
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
default
0
0
0
0
0
0
0
0
27h
Reserved
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
default
0
0
0
0
0
0
0
0
28h
Interrupt Mode
Control
INT1
INT0
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
OVFL_L/E
page 61
default
0
0
0
0
0
0
0
0
29h
Interrupt Mask
M_SRC_UNLOCK
M_SRC_LOCK
M_RMPUP_DONE
M_RMPDN_DONE
M_MUTE_DONE
M_OVFL_INT
RESERVED
RESERVED
page 62
default
0
0
0
0
0
0
0
0
2Ah
Interrupt Status
SRC_UNLOCK
SRC_LOCK
RMPUP_DONE
RMPDN_DONE
MUTE_DONE
OVFL_INT
GPIO_INT
RESERVED
page 62
default
0
0
0
0
0
0
0
0
2Bh
Chnl Over Flow Sta-
tus
RESERVED
RESERVED
CHB3_OVFL
CHA3_OVFL
CHB2_OVFL
CHA2_OVFL
CHB1_OVFL
CHA1_OVFL
page 64
default
0
0
0
0
0
0
0
0
2Ch
GPIO Pin I/O
RESERVED
GPIO6_I/O
GPIO5_I/O
GPIO4_I/O
GPIO3_I/O
GPIO2_I/O
GPIO1_I/O
GPIO0_I/O
page 64
default
0
0
0
0
0
0
0
0
2Dh
GPIO Pin
Polar-
ity/Type
RESERVED
GPIO6_P/T
GPIO5_P/T
GPIO4_P/T
GPIO3_P/T
GPIO2_P/T
GPIO1_P/T
GPIO0_P/T
ppage 64
default
0
1
1
1
1
1
1
1
2Eh
GPIO Pin Level/Edge
trigger
RESERVED
GPIO6_L/E
GPIO5_L/E
GPIO4_L/E
GPIO3_L/E
GPIO2_L/E
GPIO1_L/E
GPIO0_L/E
page 65
default
0
0
0
0
0
0
0
0
2Fh
GPIO Pin Status
RESERVED
GPIO6_STATUS
GPIO5_STATUS
GPIO4_STATUS
GPIO3_STATUS
GPIO2_STATUS
GPIO1_STATUS
GPIO0_STATUS
page 65
default
X
X
X
X
X
X
X
X
30h
GPIO Interrupt Mask
RESERVED
RESERVED
RESERVED
RESERVED
M_GPIO3
M_GPIO2
M_GPIO1
M_GPIO0
page 66
default
0
0
0
0
0
0
0
0
31h
PWM Config
OSRATE
RESERVED
RESERVED
A1/B1_OUT_CNFG A2/B2_OUT_CNFG
A3_OUT_CNFG
B3_OUT_CNFG
RESERVED
page 66
default
0
0
0
0
0
0
0
0
Addr
Function
7
6
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com