Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS44600 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS44600
Description  6-Channel Digital Amplifier Controller
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44600 Datasheet(HTML) 1 Page - Cirrus Logic

  CS44600 Datasheet HTML 1Page - Cirrus Logic CS44600 Datasheet HTML 2Page - Cirrus Logic CS44600 Datasheet HTML 3Page - Cirrus Logic CS44600 Datasheet HTML 4Page - Cirrus Logic CS44600 Datasheet HTML 5Page - Cirrus Logic CS44600 Datasheet HTML 6Page - Cirrus Logic CS44600 Datasheet HTML 7Page - Cirrus Logic CS44600 Datasheet HTML 8Page - Cirrus Logic CS44600 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 76 page
background image
Copyright
© Cirrus Logic, Inc. 2006
(All Rights Reserved)
http://www.cirrus.com
6-Channel Digital Amplifier Controller
Features
> 100 dB Dynamic Range - System Level
< 0.03% THD+N @ 1 W - System Level
32 kHz to 192 kHz Sample Rates
Internal Oscillator Circuit Supports 24.576 MHz
to 54 MHz Crystals
Integrated Sample Rate Converter (SRC)
–
Eliminates Clock Jitter Effects
–
Input Sample Rate Independent Operation
Power Supply Rejection Realtime Feedback
Spread Spectrum Modulation - Reduces EMI
PWM Popguard® for Single-Ended Mode
Eliminates AM Frequency Interference
Programmable Load Compensation Filters
Support for up to 40 kHz Audio Bandwidth
Digital Volume Control with Soft Ramp
–
+24 to -127 dB in 0.25 dB Steps
Per Channel Programmable Peak Detect and
Limiter
SPI™ and I²C® Host Control Interfaces
Separate 2.5 V to 5.0 V Serial Port and Host
Control Port Supplies
DAI
Serial
Port
PWMOUTA1+
Power
Supply
Rejection
PWMOUTB1+
SPI/I2C Host
Control Port
SCL/CCLK
SDA/CDOUT
AD1/CDIN
AD0/CS
RST
INT
PSR_MCLK
PSR_SYNC
PSR_DATA
PWM
Backend
Control/
Status
GPIO4
GPIO5
GPIO0
GPIO1
GPIO2
XTO
XTI
PWMOUTA1-
PWMOUTB1-
PWMOUTA2+
PWMOUTB2+
PWMOUTA2-
PWMOUTB2-
PWMOUTA3+
PWMOUTB3+
PWMOUTA3-
PWMOUTB3-
MUTE
DAI_MCLK
DAI_SCLK
DAI_LRCK
DAI_SDIN1
DAI_SDIN2
DAI_SDIN3
Volume
/ Limiter
Multibit
Σ∆
Modulator
PWM
Conversion
PWM
Conversion
PWM
Conversion
Volume
/ Limiter
Multibit
Σ∆
Modulator
Volume
/ Limiter
Multibit
Σ∆
Modulator
PWM
Clock
Control
Auto Fs
Detect
SYS_CLK
GPIO3
GPIO6
PSR_EN
PSR_RESET
PS_SYNC
SRC
MARCH '06
DS633F1
CS44600


Similar Part No. - CS44600

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS44600 CIRRUS-CS44600 Datasheet
744Kb / 78P
6-Channel Digital Amplifier Controller
CS44600-CQZ CIRRUS-CS44600-CQZ Datasheet
744Kb / 78P
6-Channel Digital Amplifier Controller
CS44600-CQZR CIRRUS-CS44600-CQZR Datasheet
744Kb / 78P
6-Channel Digital Amplifier Controller
CS44600-DQZ CIRRUS-CS44600-DQZ Datasheet
744Kb / 78P
6-Channel Digital Amplifier Controller
CS44600-DQZR CIRRUS-CS44600-DQZR Datasheet
744Kb / 78P
6-Channel Digital Amplifier Controller
More results

Similar Description - CS44600

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS44600 CIRRUS-CS44600 Datasheet
744Kb / 78P
6-Channel Digital Amplifier Controller
CS44800 CIRRUS-CS44800 Datasheet
700Kb / 81P
8-Channel Digital Amplifier Controller
logo
Intersil Corporation
ISL6592 INTERSIL-ISL6592 Datasheet
378Kb / 21P
6-Phase Digital Multiphase Controller
August 5, 2005
logo
Texas Instruments
TAS5186 TI-TAS5186 Datasheet
349Kb / 17P
6-Channel, 210-W, Digital-Amplifier Power Stage
TAS5186A TI-TAS5186A Datasheet
495Kb / 18P
6-Channel, 210-W, Digital-Amplifier Power Stage
logo
Cirrus Logic
CS44800 CIRRUS-CS44800_06 Datasheet
1Mb / 80P
8-Channel Digital Amplifier Controller
logo
Texas Instruments
TAS5176 TI-TAS5176 Datasheet
757Kb / 25P
6-Channel, 100-W, Digital-Amplifier Power Stage
TAS5176 TI-TAS5176_15 Datasheet
553Kb / 24P
6-Channel, 100-W, Digital-Amplifier Power Stage
TAS5186A TI-TAS5186A_15 Datasheet
667Kb / 21P
6-Channel, 210-W, Digital-Amplifier Power Stage
logo
ON Semiconductor
CAT4026 ONSEMI-CAT4026_11 Datasheet
330Kb / 14P
6-Channel LED Controller
May, 2011 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com