Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS44600 Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS44600
Description  6-Channel Digital Amplifier Controller
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44600 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS44600 Datasheet HTML 29Page - Cirrus Logic CS44600 Datasheet HTML 30Page - Cirrus Logic CS44600 Datasheet HTML 31Page - Cirrus Logic CS44600 Datasheet HTML 32Page - Cirrus Logic CS44600 Datasheet HTML 33Page - Cirrus Logic CS44600 Datasheet HTML 34Page - Cirrus Logic CS44600 Datasheet HTML 35Page - Cirrus Logic CS44600 Datasheet HTML 36Page - Cirrus Logic CS44600 Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 76 page
background image
DS633F1
33
CS44600
4.5.6
Interpolation Filter
The times 2 (2x) interpolation filter is part of the Quantizer and is used to up sample the data to support
a higher PWM switch rate. The interpolator is controlled by the OSRATE bit in the “PWM Configuration
Register (address 31h)” on page 68 and employs digital filtering to provide high quality interpolation.
4.5.7
Quantizer
The quantizer takes the input audio data at a typical 384 kHz or 768 kHz rate (depending on whether the
2x Interpolator is on or not) from the Interpolator as input. When PSRR is enabled, the quantizer takes the
input from PSRR Decimator and uses it to correct for power_supply noise. It also provides protection
through min/max pulse limiting hardware to generate outputs that wouldn’t violate minimum pulse widths
required at the PWM drivers. Its stereo outputs are running at the PWM switch rate.
4.5.8
Modulator
Each output from the Quantizer goes to the Modulator. The Modulator takes the parallel input data at a
384 kHz or 768 kHz, depending on the setting of the OSRATE bit, and changes the parallel data to serial,
one-bit outputs. The result is modulated pulses at the selected switch rate with 64 level resolution. The
modulator maintains low frequency audio signals, allowing the output to reproduce all low frequency audio
content down to 0 Hz.
4.5.9
PWM Outputs
The Modulators outputs are followed by the PWM Configuration block. These signals are routed through
delay control blocks where they generate two outputs each. These final outputs are modulated pulses run-
ning at the PWM switch rate as determined by the settings shown in Table 4.
Circuitry in the PWM Configuration block guarantees, that no pulses shorter than the minimum pulse are
generated. The minimum pulse width is configured using the MIN_PULSE[4:0] bits in the “PWM Minimum
Pulse Width Register (address 32h)” on page 69.
The PWM Configuration block also provides the PWM output signal delay mechanism. Adjusting the out-
puts’ delays allows for managing the switching noise between channels, as well as differential signal
noise. The “PWMOUT Delay Register (address 33h)” on page 70 specify the delay amount for each PWM
Output. The delay is measured in periods of PWM_MCLK.
Table 4. Typical PWM Switch Rate Settings
Fsin (kHz)
Fsout (kHz)
using SRC
Quant Level
OSRATE
PWM
Switch Rate
(kHz)
Required XTAL
or SYS_CLK
(MHz)
64
1
384
24.576
64
2
768
49.152
64
1
421.875
27.000
64
2
843.75
54.000
32, 44.1, 48, 88.2, 96,
176.4, 192
384
32, 44.1, 48, 88.2, 96,
176.4, 192
421.875



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com