Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCR Datasheet(PDF) 2 Page - Welwyn Components Limited

Part # CCR
Description  Carbon Ceramic Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

CCR Datasheet(HTML) 2 Page - Welwyn Components Limited

  CCR Datasheet HTML 1Page - Welwyn Components Limited CCR Datasheet HTML 2Page - Welwyn Components Limited CCR Datasheet HTML 3Page - Welwyn Components Limited CCR Datasheet HTML 4Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Carbon Composition Resistors
CCR Series
92
Welwyn Components
Performance Data
Typical Change
Load at rated power: 1000hrs @ 25°C
R%
±5%
Dry heat: 1000hrs @ 125°C
R%
±5%
Long Pulse: 100mS at 60 x Rated Power
R%
±2%
Short term overload: 2s at 6.25 x Rated Power
R%
±2%
Derating from rated power @ 25°C
Zero at 125°C
Climatic sequence
R%
±8%
Vibration
R%
±2%
Temperature rapid change
R%
±2%
Resistance to solder heat
R%
±2%
Isolation voltage
V
500V
The graphs below show the value changes resulting from applying multiple pulses of increasing peak voltage. The pulse shape
was 1.2/50µS as defined in IEC 6100-4-5 / ANSI C62.41. The highest voltage plotted on each graph represents the maximum
peak voltage for that resistance value.
Pulse Performance
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue C · 03.06
0
0%
20%
40%
60%
80%
100%
120%
CCR1-240R
1.2/50 PeakVoltage /kV
MEAN
MIN
MAX
510
15
20
0
0%
20%
40%
60%
80%
100%
120%
CCR1-1K0
1.2/50 PeakVoltage /kV
MEAN
MIN
MAX
510
15
20
0
0%
20%
40%
60%
80%
100%
120%
CCR1-2K2
1.2/50 PeakVoltage /kV
MEAN
MIN
MAX
510
15
20
0
0%
20%
40%
60%
80%
100%
120%
CCR1-15K
1.2/50 PeakVoltage /kV
MEAN
MIN
MAX
510
15
20



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com