Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCR Datasheet(PDF) 4 Page - Welwyn Components Limited

Part # CCR
Description  Carbon Ceramic Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

CCR Datasheet(HTML) 4 Page - Welwyn Components Limited

  CCR Datasheet HTML 1Page - Welwyn Components Limited CCR Datasheet HTML 2Page - Welwyn Components Limited CCR Datasheet HTML 3Page - Welwyn Components Limited CCR Datasheet HTML 4Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Carbon Composition Resistors
CCR Series
Welwyn Components
Products are supplied on standard carrier tape and 330mm diameter reels suitable for automatic pick and place machines.
Carrier tape dimensions and standard reels quantities are given below.
Packaging – Surface Mount Version
Specify type reference etc as shown in this example of CCR1 6.8K ohms 10%, taped and reeled.
Ordering Procedure
Dimensions (mm)
Type
Ao
Bo
Ko
W
P
T
CCR 1Z
7.3
19.2
7.7
32
12
0.4
750
Quantity
Per Reel
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue C · 03.06
Type
CCR1
–
6K8
K
I
Lead form
Value (use IEC62 code)
Tolerance (use IEC 62 code)
Blank
Axial
Z
Surface
mount
K
10%
M
20%
Ao
PKo
32mm
13mm
330mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com