Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCR Datasheet(PDF) 3 Page - Welwyn Components Limited

Part # CCR
Description  Carbon Ceramic Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

CCR Datasheet(HTML) 3 Page - Welwyn Components Limited

  CCR Datasheet HTML 1Page - Welwyn Components Limited CCR Datasheet HTML 2Page - Welwyn Components Limited CCR Datasheet HTML 3Page - Welwyn Components Limited CCR Datasheet HTML 4Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Carbon Composition Resistors
CCR Series
Welwyn Components
CCR axial products are supplied tape packed ready for loading onto automatic sequencing and insertion machines.
Component leads will not protrude beyond the outside edge of the tapes. Standard taping method and critical dimensions are
shown below.
Standard pack size: 1000 parts.
Packaging – Axial Version
CCR series resistor can be supplied with formed leads suitable for pick and place surface mounting as shown below. For this
option add suffix Z to the type, e.g. CCR1Z.
Surface Mount Option
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue C · 03.06
15.50 MAX
1.44 MIN
A
B
B
18.70 0.20
0.80
0.80
6.50
4.20 0.20
6.95
5.50 MAX
+ 0.60
0.2
– 0.50
+
–
+
–
67
f1
f2
6
6
10
Body location f1 – f2 1.4 mm
<
–



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com