Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF Datasheet(PDF) 1 Page - Welwyn Components Limited

Part # PCF
Description  PRECISION SURFACE MOUNT RESISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

PCF Datasheet(HTML) 1 Page - Welwyn Components Limited

  PCF Datasheet HTML 1Page - Welwyn Components Limited PCF Datasheet HTML 2Page - Welwyn Components Limited PCF Datasheet HTML 3Page - Welwyn Components Limited PCF Datasheet HTML 4Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
A subsidiary of
TT electronics plc
Issue J . 03.07
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited Bedlington Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 Facsimile: +44 (0) 1670 829465 Email: info@welwyn-tt.com Website: www.welwyn-tt.com
Precision Surface
Mount Resistors
Precision metal film technology
Extended ohmic range 1R - 2M
Precision to ±0.01% and 5ppm/°C
TCR grades 50, 25, 15, 10, 5ppm/°C
Passivated range for superior humidity performance
Load life stability and humidity to 0.05%
Power
(W)
PCF0201
PCF0402
PCF0603
PCF0805
PCF1206
PCF1210
PCF2010
PCF2512
0.05
0.063
0.063
0.1
0.125
0.25
0.25
0.5
Type
TCR
(ppm/°C
Limiting
Element
Voltage (V)
100
25
50
25
15
10
5
50
25
15
10
5
50
25
15
10
5
50
25
15
10
5
25
10
5
50
25
15
10
5
50
25
15
10
5
15
25
75
100
150
200
150
150
Ohmic Value Range *
0.1%
10R-200K
10R-200K
50R-12K
50R-12K
50R-2K
4R7-800K
4R7-800K
4R7-332K
4R7-332K
50R-4K
4R7-2M
4R7-2M
4R7-1M
4R7-1M
50R-10K
4R7-1M
4R7-1M
4R7-1M
4R7-1M
50R-15K
51R-2M
100R-330K
100R-200K
4R7-1M
4R7-1M
4R7-1M
4R7-1M
25R-25K
4R7-1M
4R7-1M
4R7-1M
4R7-1M
25R-25K
0.5%
10R-30R (1%)
33R -22K
10R-200K
10R-200K
50R-12K
2R-800K
2R-800K
4R7-332K
1R-2M
1R-2M
4R7-500K
1R-2M
1R-2M
4R7-1M
51R-2M
100R-330K
100R-200K
1R-2M
1R-2M
4R7-1M
1R-2M
1R-2M
4R7-1M
0.25%
10R-200K
10R-200K
50R-12K
2R-800K
2R-800K
4R7-332K
1R-2M
1R-2M
4R7-500K
1R-2M
1R-2M
4R7-1M
1R-2M
1R-2M
4R7-1M
1R-2M
1R-2M
4R7-1M
0.05%
50R-12K
50R-12K
50R-12K
50R-2K
4R7-150K
4R7-150K
25R-100K
50R-4K
4R7-500K
4R7-500K
25R-200K
50R-10K
4R7-1M
4R7-1M
25R-500K
50R-15K
4R7-1M
4R7-1M
25R-500K
25R-25K
4R7-1M
4R7-1M
25R-500K
25R-25K
0.01%
50R-12K
50R-12K
50R-12K
50R-12K
50R-2K
25R-100K
25R-100K
25R-100K
25R-100K
50R-4K
25R-200K
25R-200K
25R-200K
25R-200K
50R-10K
25R-500K
25R-500K
25R-500K
25R-500K
50R-15K
25R-500K
25R-500K
25R-500K
25R-500K
25R-25K
25R-500K
25R-500K
25R-500K
25R-500K
25R-25K
* Standard values E24 or E96. Other values may be available by request.
Electrical Data - Standard Range
PCF Series


Similar Part No. - PCF

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
PCF TTELEC-PCF Datasheet
813Kb / 6P
precision thin film technology
logo
Nichicon corporation
PCF NICHICON-PCF Datasheet
1Mb / 3P
Chip Type, Standard
logo
TE Connectivity Ltd
PCF TEC-PCF Datasheet
7Mb / 38P
RELAYS, CONTACTORS & CIRCUIT BREAKERS
02/20 JN
logo
Mersen
PCF MERSEN-PCF Datasheet
253Kb / 2P
Fast-Acting PC Mount Fuses
logo
TT Electronics.
PCF TTELEC-PCF Datasheet
872Kb / 6P
Precision Thin Film Nichrome Chip Resistors
12.16
More results

Similar Description - PCF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSC01 VISHAY-WSC01 Datasheet
247Kb / 3P
Wirewound Resistors, Precision Power, Surface Mount
14-Feb-06
WSC VISHAY-WSC Datasheet
101Kb / 3P
Wirewound Resistors, Precision Power, Surface Mount
17-Feb-11
WSC2515R3300FEA VISHAY-WSC2515R3300FEA Datasheet
101Kb / 3P
Wirewound Resistors, Precision Power, Surface Mount
17-Feb-11
WSC251550R00FEA VISHAY-WSC251550R00FEA Datasheet
101Kb / 3P
Wirewound Resistors, Precision Power, Surface Mount
17-Feb-11
WSC692754R90FTA VISHAY-WSC692754R90FTA Datasheet
101Kb / 3P
Wirewound Resistors, Precision Power, Surface Mount
17-Feb-11
WSC2515R7000FEA VISHAY-WSC2515R7000FEA Datasheet
101Kb / 3P
Wirewound Resistors, Precision Power, Surface Mount
17-Feb-11
logo
Riedon Powertron
SF-2 RIEDON-SF-2_13 Datasheet
167Kb / 1P
Surface Mount / Precision Metal Film Resistors
logo
Vishay Siliconix
WSC251510R00FEA VISHAY-WSC251510R00FEA Datasheet
96Kb / 3P
Wirewound Resistors, Precision Power, Surface Mount
05-Nov-13
logo
List of Unclassifed Man...
SM2 ETC-SM2 Datasheet
422Kb / 1P
SURFACE MOUNT PRECISION PLATE RESISTORS
logo
Vishay Siliconix
WSC VISHAY-WSC_15 Datasheet
80Kb / 3P
Wirewound Resistors, Precision Power, Surface Mount
10-Dec-15
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com