Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF Datasheet(PDF) 4 Page - Welwyn Components Limited

Part # PCF
Description  PRECISION SURFACE MOUNT RESISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

PCF Datasheet(HTML) 4 Page - Welwyn Components Limited

  PCF Datasheet HTML 1Page - Welwyn Components Limited PCF Datasheet HTML 2Page - Welwyn Components Limited PCF Datasheet HTML 3Page - Welwyn Components Limited PCF Datasheet HTML 4Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Type
Size
Range
Wrap-around terminations provide good leach properties and ensure reliable contact. Due to the robust construction, the PCF can
be immersed in the solder bath for 30 seconds at 260 C. This enables the resistor to be mounted on one side of a printed circuit
board and wire-leaded components applied on the other side.
PCF resistors themselves can operate at a maximum temperature of 125 C (see performance above) (155 C for High Power grades).
For soldered resistors, the joint temperature should not exceed 110 C. This condition is met when the stated power levels at 70 C
are used.
Ordering Procedure
Precision Surface Mount Resistors
PCF
0603 P - 11
- 1K54
B
I
50,000/reel
10,000/reel
5000/reel
4000/reel
1000/reel
I
0201
0402
0603, 0805, 1206,
1210
2010, 2512
0402, 0603, 0805,
1206, 2010, 2512
Standard
T1
Please enquire to confirm
availability of 1000 piece reels
0.25%
0.5%
0.01%
0.05%
0.1%
L
W
B
C
D
25ppm/ °C
50ppm/ °C
5ppm/°C
10ppm/°C
15ppm/°C
13
12
11
R
2
Standard
High Power
Passivated
H
P
TCR
Resistance value
(IEC62 Code)
Tolerance
Packing
Issue J . 03.07
© Welwyn Components Limited Bedlington Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 Facsimile: +44 (0) 1670 829465 Email: info@welwyn-tt.com Website: www.welwyn-tt.com
PCF Series



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com