Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF Datasheet(PDF) 2 Page - Welwyn Components Limited

Part # PCF
Description  PRECISION SURFACE MOUNT RESISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

PCF Datasheet(HTML) 2 Page - Welwyn Components Limited

  PCF Datasheet HTML 1Page - Welwyn Components Limited PCF Datasheet HTML 2Page - Welwyn Components Limited PCF Datasheet HTML 3Page - Welwyn Components Limited PCF Datasheet HTML 4Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Construction
A thin-film material is selectively deposited on a 96% alumina substrate together with metallic contacts at each end of the resistor.
The unadjusted resistors are heat treated to give the required TCR and stability, then a precisely controlled laser trim process adjusts
the resistance value. Epoxy protection is applied and wrap-around terminations are added and plated with Nickel then Tin. Each
resistor is measured immediately before packing into tape.
Terminations
The chips are supplied with 100% Sn matte plated wrap-around terminations suitable for soldering.
Precision Surface Mount Resistors
Issue J . 03.07
© Welwyn Components Limited Bedlington Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 Facsimile: +44 (0) 1670 829465 Email: info@welwyn-tt.com Website: www.welwyn-tt.com
PCF Series
W
0.3 ± 0.05
0.5 ± 0.05
0.8 ± 0.2
1.25 ± 0.2
1.6 ± 0.2
2.6 ± 0.2
2.4 ± 0.2
3.1 ± 0.2
L
0.6 ± 0.05
1.0 ± 0.05
1.6 ± 0.2
2.0 ± 0.2
3.2 ± 0.2
3.2 ± 0.2
4.9 ± 0.2
6.3 ± 0.2
Tmax
0.26
0.40
0.55
0.65
0.65
0.50
0.65
0.65
A
0.12 ± 0.05
0.2 ± 0.1
0.3 ± 0.2
0.4 ± 0.2
0.5 ± 0.2
0.45 ± 0.2
0.5 ± 0.2
0.5 ± 0.2
C
0.12 ± 0.05
0.2 ± 0.1
0.3 ± 0.2
0.4 ± 0.2
0.5 ± 0.2
0.5 ± 0.2
0.6 ± 0.2
0.6 ± 0.2
T
W
A
A
L
Wrap-around terminations
(3 faces)
C
0201
0402
0603
0805
1206
1210
2010
2512
Dimensions (mm)
Physical Data
* Standard values E24 or E96. Other values may be available by request.
50
25
50
25
50
25
PCF0603H
PCF0805H
PCF1206H
0.1
0.125
0.25
0.5%
10R-332K
10R-332K
4R7-1M
4R7-1M
4R7-1M
4R7-1M
Power
(W)
Type
TCR
(ppm/°C
Limiting
Element
Voltage (V)
Ohmic Value Range *
0.25%
10R-332K
10R-332K
4R7-1M
4R7-1M
4R7-1M
4R7-1M
0.1%
10R-332K
10R-332K
4R7-1M
4R7-1M
4R7-1M
4R7-1M
50
150
200
Electrical Data - High Power Range
0.5%
25R-25K
25R-25K
25R-200K
25R-200K
25R-400K
25R-400K
25R-500K
25R-500K
25R-600K
25R-600K
25R-600K
25R-600K
Power
(W)
Type
TCR
(ppm/°C
Limiting
Element
Voltage (V)
50
25
50
25
50
25
50
25
50
25
50
25
Ohmic Value Range *
0.25%
25R-25K
25R-25K
25R-200K
25R-200K
25R-400K
25R-400K
25R-500K
25R-500K
25R-600K
25R-600K
25R-600K
25R-600K
0.1%
25R-25K
25R-25K
25R-200K
25R-200K
25R-400K
25R-400K
25R-500K
25R-500K
25R-600K
25R-600K
25R-600K
25R-600K
PCF0402P
PCF0603P
PCF0805P
PCF1206P
PCF2010P
PCF2512P
0.063
0.063
0.1
0.125
0.25
0.5
25
50
100
150
150
150
* Standard values E24 or E96. Other values may be available by request.
Electrical Data - Passivated Range



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com