Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF24J40 Datasheet(PDF) 21 Page - Microchip Technology

Part # MRF24J40
Description  IEEE 802.15.4??2.4 GHz RF Transceiver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24J40 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MRF24J40 Datasheet HTML 17Page - Microchip Technology MRF24J40 Datasheet HTML 18Page - Microchip Technology MRF24J40 Datasheet HTML 19Page - Microchip Technology MRF24J40 Datasheet HTML 20Page - Microchip Technology MRF24J40 Datasheet HTML 21Page - Microchip Technology MRF24J40 Datasheet HTML 22Page - Microchip Technology MRF24J40 Datasheet HTML 23Page - Microchip Technology MRF24J40 Datasheet HTML 24Page - Microchip Technology MRF24J40 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
© 2006 Microchip Technology Inc.
Advance Information
DS39776A-page 19
MRF24J40
5.0
IEEE 802.15.4™-2003
5.1
Overview
Before discussing the use of the MRF24J40, it may be
helpful to review the structure of a typical data frame.
Users requiring more information should refer to the
IEEE 802.15.4 Standard.
5.2
Packet Format
Normal IEEE 802.15.4 compliant packets are between 5
and 127 bytes long. They are made up of several possi-
ble fields: destination address information, source
address information, a length field, data payload and a
Cyclic Redundancy Check (CRC). Additionally, a 4-byte
preamble field and Start-of-Frame Delimiter (SFD) byte
are appended to the beginning of the packet. Thus, traffic
seen on the air will appear as shown in Figure 5-1.
FIGURE 5-1:
PACKET FORMAT
Number
of
Bytes
4
Preamble
Field
Comments
SFD
1
Packet Length
1
Frame Control
2
Destination
Address
Information
0/4/10
Source Address
Information
0/2/4/8/
10
Sequence Number
1
Data Payload
0-122
FCS
2
Frame check sequence – CRC
Used to
FCS
Filtered
out by
module
Start-of-Frame
delimiter – Filtered
out by module
Short or long address of the destination
device plus the PAN identifier.
Length selected in the frame control.
Short or long address of the source
device plus the PAN identifier.
Length selected in the frame control.
Used to calculate
packet length
calculate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com