Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF24J40 Datasheet(PDF) 13 Page - Microchip Technology

Part # MRF24J40
Description  IEEE 802.15.4??2.4 GHz RF Transceiver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24J40 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MRF24J40 Datasheet HTML 9Page - Microchip Technology MRF24J40 Datasheet HTML 10Page - Microchip Technology MRF24J40 Datasheet HTML 11Page - Microchip Technology MRF24J40 Datasheet HTML 12Page - Microchip Technology MRF24J40 Datasheet HTML 13Page - Microchip Technology MRF24J40 Datasheet HTML 14Page - Microchip Technology MRF24J40 Datasheet HTML 15Page - Microchip Technology MRF24J40 Datasheet HTML 16Page - Microchip Technology MRF24J40 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
© 2006 Microchip Technology Inc.
Advance Information
DS39776A-page 11
MRF24J40
3.2
MRF24J40 Address Summary
TABLE 3-1:
REGISTER FILE SHORT ADDRESS SUMMARY
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR
Details
on page:
RXMCR
TXCRCEN
BBLPBK
ACKEN
MACLPBK
PANCOORD
COORD
RXCRCEN
PROMI
0000 0000
21
PANIDL
MAC PAN Low Byte (PANL<7:0>)
0000 0000
26
PANIDH
MAC PAN High Byte (PANH<15:8>)
0000 0000
26
SADRL
MAC Short Address Low Byte (SADDRL<7:0>)
0000 0000
27
SADRH
MAC Short Address High Byte (SADDRH<15:8>)
0000 0000
27
EADR0
LSB of EUI (EADR0<7:0>)
0000 0000
26
EADR1
Byte 2 of EUI (EADR1<15:8>)
0000 0000
26
EADR2
Byte 3 of EUI (EADR2<23:16>)
0000 0000
26
EADR3
Byte 4 of EUI (EADR3<31:24>)
0000 0000
26
EADR4
Byte 5 of EUI (EADR4<39:32>)
0000 0000
26
EADR5
Byte 6 of EUI (EADR5<47:40>)
0000 0000
26
EADR6
Byte 7 of EUI (EADR6<55:48>)
0000 0000
26
EADR7
MSB of EUI (EADR7<63:56>)
0000 0000
26
RXFLUSH
—
r
r
RXWRTBLK
CMDONLY
DATAONLY
BCNONLY
RXFLUSH -000 0000
34
TXNMTRIG
—
—
—
PENDACK
INDIRECT
ACKREQ
SECEN
TXRTS
---0 0000
30
TXSR
TXRETRY<7:6>
CCAFAIL
r
r
r
r
r
0000 0000
31
ISRSTS
SLPIF
WAKEIF
HSYMTMRIF
SECIF
RXIF
GTS2TXIF
GTS1TXIF
TXIF
0000 0000
36
INTMSK
SLPMSK
WAKEMSK
HSYMTMRMSK
SECMSK
RXMSK
GTS2TXMSK GTS1TXMSK
TXMSK
1111 1111
37
GPIO
—
—
GPIO5
GPIO4
GPIO3
GPIO2
GPIO1
GPIO0
--00 0000
39
TRISGPIO
—
—
TRISGP5
TRISGP4
TRISGP3
TRISGP2
TRISGP1
TRISGP0 --00 0000
40
RFCTL
r
—
—r
r
RFRST
r
r
0--0 0000
24
BBREG2
CCAMODE<7:6>
CCATHRES<5:2>
—
—
0000 00--
25
BBREG6
RSSIREQ
RXRSSI
r
r
r
r
r
RSSIRDY 0000 0001
25
RSSITHCCA
RSSITHRES<7:0>
0000 0000
23
Legend:
-
= unimplemented, r = reserved. Shaded cells are unimplemented, read as ‘0’.
TABLE 3-2:
REGISTER FILE LONG ADDRESS SUMMARY
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR
Details
on page:
RFCTRL0
CHANNEL<7:4>
—
—
—
—
0000 ----
24
RFCTRL2
RFPLL
r
r
r
r
—
—
—
0000 0---
22
RFCTRL3
TXPOWER<7:3>
—
—
—
0000 0---
22
RFCTRL6
TXFIL
—r
r
BATMONEN
—
—
—
0-00 0---
23
RFCTRL7
SLPCLK<7:6>
—
—
—
—
CLKDIV<1:0>
00-- --00
8
RFCTRL8
—
—
—RF_VCO
—
—
—
SLPCLKOUT
---0 ---0
23
CLKINTCR
—
—
—
—
—
—
INTEDGE
SLPCLKEN
---- --00
38
CLKCTRL
r
—CLKOEN
SCLKDIV<4:0>
0-00 0000
7
Legend:
-
= unimplemented, r = reserved. Shaded cells are unimplemented, read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com