Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC53PAST Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # BC53PAST
Description  80 V, 1 A PNP medium power transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC53PAST Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  BC53PAST Datasheet HTML 1Page - Nexperia B.V. All rights reserved BC53PAST Datasheet HTML 2Page - Nexperia B.V. All rights reserved BC53PAST Datasheet HTML 3Page - Nexperia B.V. All rights reserved BC53PAST Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC53PAST Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC53PAST Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC53PAST Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC53PAST Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC53PAST Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Nexperia
BC53PAST series
80 V, 1 A PNP medium power transistors
10. Characteristics
Table 8. Characteristics
Tamb = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max Unit
V(BR)CBO
collector-base
breakdown voltage
IC = -100 µA; IE = 0 A
-100 -
V
V(BR)CEO
collector-emitter
breakdown voltage
IC = -2 mA; IE = 0 A
-80
-
V
V(BR)EBO
emitter-base
breakdown voltage
IE = -100 µA; IC = 0 A
-5
-
V
VCB = -30 V; IE = 0 A
-
-
-100 nA
ICBO
collector-base
cut-off current
VCB = -30 V; IE = 0 A; Tj = 150 °C
-
-
-10
μA
IEBO
emitter-base
cut-off current
VEB = -5 V; IC = 0 A
-
-
-100 nA
DC current gain
VCE = -2 V; IC = -5 mA
63
-
-
VCE = -2 V; IC = -150 mA
[1] 63
-
250
BC53PAST
VCE = -2 V; IC = -500 mA
[1] 40
-
-
VCE = -2 V; IC = -5 mA
63
-
-
VCE = -2 V; IC = -150 mA
[1] 63
-
160
BC53-10PAST
VCE = -2 V; IC = -500 mA
[1] 40
-
-
VCE = -2 V; IC = -5 mA
63
-
-
VCE = -2 V; IC = -150 mA
[1] 100
-
250
hFE
BC53-16PAST
VCE = -2 V; IC = -500 mA
[1] 40
-
-
VCEsat
collector-emitter
saturation voltage
IC = -500 mA; IB = -50 mA
[1] -
-
-500 mV
VBE
base-emitter voltage
VCE = -2 V; IC = -500 mA
[1] -
-
-1
V
fT
transition frequency
VCE = -5 V; IC = -50 mA; f = 100 MHz
100
-
-
MHz
Cc
collector capacitance
VCB = -10 V; IE = ie = 0 A; f = 1 MHz
-
7
-
pF
[1] pulsed; tp ≤ 300 μs; δ ≤ 0.02
BC53PAST_SER
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2024. All rights reserved
Product data sheet
Rev. 1 — 23 August 2024
5 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com