Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC53PAST Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # BC53PAST
Description  80 V, 1 A PNP medium power transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC53PAST Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  BC53PAST Datasheet HTML 1Page - Nexperia B.V. All rights reserved BC53PAST Datasheet HTML 2Page - Nexperia B.V. All rights reserved BC53PAST Datasheet HTML 3Page - Nexperia B.V. All rights reserved BC53PAST Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC53PAST Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC53PAST Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC53PAST Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC53PAST Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC53PAST Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
BC53PAST series
80 V, 1 A PNP medium power transistors
Rev. 1 — 23 August 2024
Product data sheet
1. General description
PNP medium power transistors in an ultra thin DFN2020D-3 (SOT1061D) leadless small Surface-
Mounted Device (SMD) plastic package with medium power capability and Side-Wettable Flanks
(SWF).
Table 1. Product overview
Package
NPN complement
Type number
Nexperia
BC53PAST
BC56PAST
BC53-10PAST
BC56-10PAST
BC53-16PAST
DFN2020D-3 (SOT1061D)
BC56-16PAST
2. Features and benefits
• High collector current capability IC and ICM
• Three current gain selections
• Reduced Printed-Circuit Board (PCB) area requirements
• Leadless small SMD plastic package with solderable side pads
• Exposed heat sink for excellent thermal and electrical conductivity
• Suitable for Automatic Optical Inspection (AOI) of solder point
3. Applications
• Linear voltage regulators
• MOSFET drivers
• High-side switches
• Power management
• Amplifiers
• Battery driven devices
4. Quick reference data
Table 2. Quick reference data
Tamb = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base
-
-
-80
V
IC
collector current
-
-
-1
A
ICM
peak collector current
single pulse; tp ≤ 1 ms
-
-
-2
A


Similar Part No. - BC53PAST

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BC53PAST NEXPERIA-BC53PAST Datasheet
263Kb / 12P
80 V, 1 A NPN medium power transistors
Rev. 1 23 August 2024
BC53PAST-Q NEXPERIA-BC53PAST-Q Datasheet
268Kb / 12P
80 V, 1 A PNP medium power transistors
Rev. 1 23 August 2024
More results

Similar Description - BC53PAST

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCP53 NXP-BCP53_13 Datasheet
1Mb / 22P
80 V, 1 A PNP medium power transistors
Rev. 9-19 October 2011
BCP53 PHILIPS-BCP53_15 Datasheet
1Mb / 22P
80 V, 1 A PNP medium power transistors
Rev. 9-19 October 2011
logo
Nexperia B.V. All right...
BCP53H NEXPERIA-BCP53H Datasheet
1Mb / 16P
80 V, 1 A PNP medium power transistors
BCP53T NEXPERIA-BCP53T Datasheet
274Kb / 14P
80 V, 1 A PNP medium power transistors
BC53XPAS-Q_SER NEXPERIA-BC53XPAS-Q_SER Datasheet
261Kb / 11P
80 V, 1 A PNP medium power transistors
17 October 2022
BC53XPAS_SER NEXPERIA-BC53XPAS_SER Datasheet
261Kb / 11P
80 V, 1 A PNP medium power transistors
6 December 2022
BCP53H-Q_SER NEXPERIA-BCP53H-Q_SER Datasheet
275Kb / 14P
80 V, 1 A PNP medium power transistors
Rev. 2 - 29 March 2023
BCP53 NEXPERIA-BCP53 Datasheet
1Mb / 22P
80 V, 1 A PNP medium power transistors
Rev. 9 - 19 October 2011
BCP53H_SER NEXPERIA-BCP53H_SER Datasheet
1Mb / 16P
80 V, 1 A PNP medium power transistors
Rev. 1 - 21 July 2017
BCP53T_SER NEXPERIA-BCP53T_SER Datasheet
274Kb / 14P
80 V, 1 A PNP medium power transistors
Rev. 2 - 29 April 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com