Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC53PAST Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # BC53PAST
Description  80 V, 1 A PNP medium power transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC53PAST Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button BC53PAST Datasheet HTML 2Page - Nexperia B.V. All rights reserved BC53PAST Datasheet HTML 3Page - Nexperia B.V. All rights reserved BC53PAST Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC53PAST Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC53PAST Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC53PAST Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC53PAST Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC53PAST Datasheet HTML 9Page - Nexperia B.V. All rights reserved BC53PAST Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Nexperia
BC53PAST series
80 V, 1 A PNP medium power transistors
aaa-040576
100
200
300
hFE
0
IC (mA)
-10-1
-104
-103
-1
-102
-10
(1)
(2)
(3)
VCE = -2 V
(1) Tamb = 100 °C
(2) Tamb = 25 °C
(3) Tamb = -55 °C
Fig. 4. DC current gain as a function of collector
current; typical values
aaa-040577
200
hFE
0
IC (mA)
-10-1
-104
-103
-1
-102
-10
50
100
150
(1)
(2)
(3)
Tamb = 25 °C
(1) VCE = -1 V
(2) VCE = -2 V
(3) VCE = -5 V
Fig. 5. DC current gain as a function of collector
current; typical values
VCE (V)
0
-5
-1
-2
-3
-4
aaa-040578
-1
IC
(A)
0
-0.2
-0.4
-0.6
-0.8
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(9)
(10)
Tamb = 25 °C
(1) IB = -15.0 mA
(2) IB = -13.5 mA
(3) IB = -12.0 mA
(4) IB = -10.5 mA
(5) IB = -9.0 mA
(6) IB = -7.5 mA
(7) IB = -6.0 mA
(8) IB = -4.5 mA
(9) IB = -3.0 mA
(10) IB = -1.5 mA
Fig. 6. Collector current as a function of collector-
emitter voltage; typical values
aaa-040579
-1.2
VBE
(V)
0
IC (mA)
-10-1
-104
-103
-1
-102
-10
-0.3
-0.6
-0.9
(1)
(2)
(3)
VCE = -2 V
(1) Tamb = -55 °C
(2) Tamb = 25 °C
(3) Tamb = 100 °C
Fig. 7. Base-emitter voltage as a function of collector
current; typical values
BC53PAST_SER
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2024. All rights reserved
Product data sheet
Rev. 1 — 23 August 2024
6 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com