Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSR33PAS Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # BSR33PAS
Description  80 V, 1 A PNP medium power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BSR33PAS Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  BSR33PAS Datasheet HTML 1Page - Nexperia B.V. All rights reserved BSR33PAS Datasheet HTML 2Page - Nexperia B.V. All rights reserved BSR33PAS Datasheet HTML 3Page - Nexperia B.V. All rights reserved BSR33PAS Datasheet HTML 4Page - Nexperia B.V. All rights reserved BSR33PAS Datasheet HTML 5Page - Nexperia B.V. All rights reserved BSR33PAS Datasheet HTML 6Page - Nexperia B.V. All rights reserved BSR33PAS Datasheet HTML 7Page - Nexperia B.V. All rights reserved BSR33PAS Datasheet HTML 8Page - Nexperia B.V. All rights reserved BSR33PAS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Nexperia
BSR33PAS
80 V, 1 A PNP medium power transistor
9. Thermal characteristics
Table 6. Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
[1]
-
-
260
K/W
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[2]
-
-
125
K/W
Rth(j-sp)
thermal resistance from
junction to solder point
-
-
12
K/W
[1] Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2] Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for collector 1 cm2.
aaa-040554
10
1
102
103
Zth(j-a)
(K/W)
10-1
10-5
10
10-2
10-4
102
10-1
tp (s)
10-3
103
1
duty cycle = 1
0.01
0.02
0.05
0.33
0.75
0.50
0.20
0.10
0.25
0
FR4 PCB,single-sided, 70 µm copper, standard footprint
Fig. 2. Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
aaa-040555
10
1
102
103
Zth(j-a)
(K/W)
10-1
10-5
10
10-2
10-4
102
10-1
tp (s)
10-3
103
1
duty cycle = 1
0.01
0.02
0.05
0.33
0.75
0.50
0.20
0.10
0.25
0
FR4 PCB, single-sided, 70 µm copper, mounting pad for collector 1 cm2
Fig. 3. Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
BSR33PAS
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2024. All rights reserved
Product data sheet
9 September 2024
4 / 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com