Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSR33PAS Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # BSR33PAS
Description  80 V, 1 A PNP medium power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BSR33PAS Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  BSR33PAS Datasheet HTML 1Page - Nexperia B.V. All rights reserved BSR33PAS Datasheet HTML 2Page - Nexperia B.V. All rights reserved BSR33PAS Datasheet HTML 3Page - Nexperia B.V. All rights reserved BSR33PAS Datasheet HTML 4Page - Nexperia B.V. All rights reserved BSR33PAS Datasheet HTML 5Page - Nexperia B.V. All rights reserved BSR33PAS Datasheet HTML 6Page - Nexperia B.V. All rights reserved BSR33PAS Datasheet HTML 7Page - Nexperia B.V. All rights reserved BSR33PAS Datasheet HTML 8Page - Nexperia B.V. All rights reserved BSR33PAS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
BSR33PAS
80 V, 1 A PNP medium power transistor
9 September 2024
Product data sheet
1. General description
PNP medium power transistors in an ultra thin DFN2020D-3 (SOT1061D) leadless small Surface-
Mounted Device (SMD) plastic package with medium power capability and Side-Wettable Flanks
(SWF).
2. Features and benefits
• High collector current capability IC and ICM
• Reduced Printed-Circuit Board (PCB) area requirements
• Leadless small SMD plastic package with solderable side pads
• Exposed heatsink for excellent thermal and electrical conductivity
• Suitable for Automatic Optical Inspection (AOI) of solder point
3. Applications
• Linear voltage regulators
• High-side switches
• Battery-driven devices
• MOSFET drivers
• Amplifiers
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter
voltage
open base
-
-
-80
V
IC
collector current
-
-
-1
A
ICM
peak collector current
single pulse; tp ≤ 1 ms
-
-
-2
A
hFE
DC current gain
VCE = -5 V; IC = -100 mA; pulsed; tp ≤
300 µs; δ ≤ 0.01; Tamb = 25 °C
100
-
300


Similar Part No. - BSR33PAS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BSR33PAS-Q NEXPERIA-BSR33PAS-Q Datasheet
250Kb / 11P
80 V, 1 A PNP medium power transistor
9 September 2024
More results

Similar Description - BSR33PAS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCP53 NXP-BCP53_13 Datasheet
1Mb / 22P
80 V, 1 A PNP medium power transistors
Rev. 9-19 October 2011
BCP53 PHILIPS-BCP53_15 Datasheet
1Mb / 22P
80 V, 1 A PNP medium power transistors
Rev. 9-19 October 2011
logo
Nexperia B.V. All right...
BCP53H NEXPERIA-BCP53H Datasheet
1Mb / 16P
80 V, 1 A PNP medium power transistors
BCP53T NEXPERIA-BCP53T Datasheet
274Kb / 14P
80 V, 1 A PNP medium power transistors
BCP53H-Q_SER NEXPERIA-BCP53H-Q_SER Datasheet
275Kb / 14P
80 V, 1 A PNP medium power transistors
Rev. 2 - 29 March 2023
BSR33-Q NEXPERIA-BSR33-Q Datasheet
181Kb / 7P
80 V, 1 A PNP medium power transistor
9 March 2023
BSR33 NEXPERIA-BSR33 Datasheet
181Kb / 7P
80 V, 1 A PNP medium power transistor
9 March 2023
BCP53 NEXPERIA-BCP53 Datasheet
1Mb / 22P
80 V, 1 A PNP medium power transistors
Rev. 9 - 19 October 2011
BCP53H_SER NEXPERIA-BCP53H_SER Datasheet
1Mb / 16P
80 V, 1 A PNP medium power transistors
Rev. 1 - 21 July 2017
BCP53T_SER NEXPERIA-BCP53T_SER Datasheet
274Kb / 14P
80 V, 1 A PNP medium power transistors
Rev. 2 - 29 April 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com