Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSR33PAS Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # BSR33PAS
Description  80 V, 1 A PNP medium power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BSR33PAS Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  BSR33PAS Datasheet HTML 1Page - Nexperia B.V. All rights reserved BSR33PAS Datasheet HTML 2Page - Nexperia B.V. All rights reserved BSR33PAS Datasheet HTML 3Page - Nexperia B.V. All rights reserved BSR33PAS Datasheet HTML 4Page - Nexperia B.V. All rights reserved BSR33PAS Datasheet HTML 5Page - Nexperia B.V. All rights reserved BSR33PAS Datasheet HTML 6Page - Nexperia B.V. All rights reserved BSR33PAS Datasheet HTML 7Page - Nexperia B.V. All rights reserved BSR33PAS Datasheet HTML 8Page - Nexperia B.V. All rights reserved BSR33PAS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Nexperia
BSR33PAS
80 V, 1 A PNP medium power transistor
10. Characteristics
Table 7. Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCB = -60 V; IE = 0 A; Tamb = 25 °C
-
-
-100
nA
ICBO
collector-base cut-off
current (emitter open)
VCB = -60 V; IE = 0 A; Tj = 150 °C
-
-
-50
µA
IEBO
emitter-base cut-off
current (collector open)
VEB = -5 V; IC = 0 A; Tamb = 25 °C
-
-
-100
nA
VCE = -5 V; IC = -100 µA; pulsed; tp ≤
300 µs; δ ≤ 0.01; Tamb = 25 °C
30
-
-
VCE = -5 V; IC = -100 mA; pulsed; tp ≤
300 µs; δ ≤ 0.01; Tamb = 25 °C
100
-
300
hFE
DC current gain
VCE = -5 V; IC = -500 mA; pulsed; tp ≤
300 µs; δ ≤ 0.01; Tamb = 25 °C
50
-
-
IC = -150 mA; IB = -15 mA; pulsed; tp ≤
300 µs; δ ≤ 0.01; Tamb = 25 °C
-
-
-0.25
V
VCEsat
collector-emitter
saturation voltage
IC = -500 mA; IB = -50 mA; pulsed; tp ≤
300 µs; δ ≤ 0.01; Tamb = 25 °C
-
-
-0.5
V
IC = -150 mA; IB = -15 mA; pulsed; tp ≤
300 µs; δ ≤ 0.01; Tamb = 25 °C
-
-
-1
V
VBEsat
base-emitter saturation
voltage
IC = -500 mA; IB = -50 mA; pulsed; tp ≤
300 µs; δ ≤ 0.01; Tamb = 25 °C
-
-
-1.2
V
fT
transition frequency
VCE = -10 V; IC = -50 mA; f = 100 MHz;
Tamb = 25 °C
100
-
-
MHz
aaa-040556
100
200
300
hFE
0
IC (mA)
-10-1
-104
-103
-1
-102
-10
(1)
(2)
(3)
VCE = -2 V
(1) Tamb = 100 °C
(2) Tamb = 25 °C
(3) Tamb = −55 °C
Fig. 4. DC current gain as a function of collector
current; typical values
VCE (V)
0
-5
-4
-2
-3
-1
aaa-040560
-0.4
-0.6
-0.2
-0.8
-1,0
IC
(A)
0
-9 mA
IB = -10 mA
-1 mA
-2 mA
-3mA
-4 mA
-5 mA
-6 mA
-7 mA
-8 mA
Tamb = 25 °C
Fig. 5. Collector current as a function of collector-
emitter voltage; typical values
BSR33PAS
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2024. All rights reserved
Product data sheet
9 September 2024
5 / 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com