Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS83210 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS83210
Description  LOW SKEW, 1-TO-10 HSTL FANOUT BUFFER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS83210 Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS83210 Datasheet HTML 1Page - Integrated Device Technology ICS83210 Datasheet HTML 2Page - Integrated Device Technology ICS83210 Datasheet HTML 3Page - Integrated Device Technology ICS83210 Datasheet HTML 4Page - Integrated Device Technology ICS83210 Datasheet HTML 5Page - Integrated Device Technology ICS83210 Datasheet HTML 6Page - Integrated Device Technology ICS83210 Datasheet HTML 7Page - Integrated Device Technology ICS83210 Datasheet HTML 8Page - Integrated Device Technology ICS83210 Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IDT™ / ICS™ LOW SKEW, 1-TO-10 HSTL FANOUT BUFFER
2
ICS83210AY REV. A MAY 15, 2007
ICS83210
LOW SKEW, 1-TO-10 HSTL FANOUT BUFFER
TABLE 2. PIN CHARACTERISTICS
TABLE 1. PIN DESCRIPTIONS
r
e
b
m
u
Ne
m
a
Ne
p
y
Tn
o
i
t
p
i
r
c
s
e
D
,
3
1
,
2
1
,
7
,
3
,
1
9
2
,
8
2
,
1
2
,
0
2
V
D
D
r
e
w
o
P.
s
n
i
p
y
l
p
p
u
s
r
e
w
o
P
,
0
1
,
9
,
8
,
5
,
2
,
5
2
,
4
2
,
7
1
,
6
1
2
3
,
1
3
D
N
Gr
e
w
o
P.
d
n
u
o
r
g
y
l
p
p
u
s
r
e
w
o
P
4E
O
nt
u
p
n
In
w
o
d
ll
u
P
s
t
u
p
t
u
o
x
Q
s
t
u
p
t
u
o
,
W
O
L
n
e
h
W
.
n
i
p
t
u
p
n
i
e
l
b
a
s
i
d
/
e
l
b
a
n
e
t
u
p
t
u
O
.
w
o
l
d
e
l
b
a
s
i
d
e
r
a
s
t
u
p
t
u
o
x
Q
,
H
G
I
H
n
e
h
W
.
d
e
l
b
a
n
e
e
r
a
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
5N
It
u
p
n
I
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
S
H
.
t
u
p
n
i
k
c
o
l
c
e
c
n
e
r
e
f
e
r
d
e
d
n
e
-
e
l
g
n
i
S
,
5
1
,
4
1
,
1
1
,
2
2
,
9
1
,
8
1
0
3
,
7
2
,
6
2
,
3
2
,
7
Q
,
8
Q
,
9
Q
,
4
Q
,
5
Q
,
6
Q
0
Q
,
1
Q
,
2
Q
,
3
Q
t
u
p
t
u
O.
s
t
u
p
t
u
o
k
c
o
l
c
L
T
S
H
d
e
d
n
e
-
e
l
g
n
i
S
:
E
T
O
N
n
w
o
d
ll
u
P
.
s
e
u
l
a
v
l
a
c
i
p
y
t
r
o
f
,
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
n
i
P
,
2
e
l
b
a
T
e
e
S
.
s
r
o
t
s
i
s
e
r
t
u
p
n
i
l
a
n
r
e
t
n
i
o
t
s
r
e
f
e
r
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
C
N
I
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
I
4F
p
R
N
W
O
D
L
L
U
P
r
o
t
s
i
s
e
R
n
w
o
d
ll
u
P
t
u
p
n
I
1
5k
Ω
C
T
U
O
e
c
n
a
t
i
c
a
p
a
C
n
i
P
t
u
p
t
u
O
5
.
46
F
p
R
T
U
O
e
c
n
a
d
e
p
m
I
t
u
p
t
u
O
0
2
Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com