Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS83210 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS83210
Description  LOW SKEW, 1-TO-10 HSTL FANOUT BUFFER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS83210 Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS83210 Datasheet HTML 1Page - Integrated Device Technology ICS83210 Datasheet HTML 2Page - Integrated Device Technology ICS83210 Datasheet HTML 3Page - Integrated Device Technology ICS83210 Datasheet HTML 4Page - Integrated Device Technology ICS83210 Datasheet HTML 5Page - Integrated Device Technology ICS83210 Datasheet HTML 6Page - Integrated Device Technology ICS83210 Datasheet HTML 7Page - Integrated Device Technology ICS83210 Datasheet HTML 8Page - Integrated Device Technology ICS83210 Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LOW SKEW, 1-TO-10 HSTL FANOUT BUFFER
ICS83210
IDT™ / ICS™ LOW SKEW, 1-TO-10 HSTL FANOUT BUFFER
1
ICS83210AY REV. A MAY 15, 2007
GENERAL DESCRIPTION
The ICS83210 is a low skew, 1-to-10 HSTL Fanout
Buffer and a member of the HiPerClockS™Family
of High Performance Clock Solutions from IDT.
The class II HSTL outputs are balanced push-pull
in design, capable of delivering 16mA into a 10pF
load. This class allows both source series termination and
symmetrically double parallel termination.
FEATURES
• Ten single-ended HSTL outputs
• One single-ended HSTL clock input
• Maximum input frequency: 150MHz
• Output skew: 110ps (maximum)
• Part-to-part skew: 2ns (maximum)
• 1.5V power supply
• 0°C to 85°C ambient operating temperature
• Available in both standard (RoHS 5) and lead-free (RoHS 6)
packages
BLOCK DIAGRAM
PIN ASSIGNMENT
HiPerClockS™
ICS
32-Lead TQFP
7mm x 7mm x 1.0mm package body
Y package
Top View
32 31 30 29 28 27 26 25
9 10 11 12 13 14 15 16
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
GND
Q3
Q4
VDD
VDD
Q5
Q6
GND
VDD
GND
VDD
nOE
GND
IN
VDD
GND
ICS83210
Pulldown
Q0
Q1
Q8
Q9
IN
nOE


Similar Part No. - ICS83210

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS830-21I ICST-ICS830-21I Datasheet
160Kb / 12P
2.5V, 3.3V DIFFERENTIAL-TO-LVCMOS/LVTTL TRANSLATOR
ICS830-23I ICST-ICS830-23I Datasheet
158Kb / 12P
DIFFERENTIAL-TO-LVCMOS TRANSLATOR/BUFFER
logo
Integrated Device Techn...
ICS830154AMI-08LF IDT-ICS830154AMI-08LF Datasheet
876Kb / 16P
Over-Voltage Tolerant 1.5V, 1:4 Fanout Buffer
ICS830154I-08 IDT-ICS830154I-08 Datasheet
876Kb / 16P
Over-Voltage Tolerant 1.5V, 1:4 Fanout Buffer
logo
Integrated Circuit Syst...
ICS8302 ICST-ICS8302 Datasheet
133Kb / 9P
LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER
REV. C JUNE 15, 2004
More results

Similar Description - ICS83210

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8523I ICST-ICS8523I Datasheet
230Kb / 16P
LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. C SEPTEMBER 16, 2004
ICS8521I ICST-ICS8521I Datasheet
157Kb / 14P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. A NOVEMBER 17, 2005
ICS85211I-01 ICST-ICS85211I-01 Datasheet
163Kb / 13P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. A NOVEMBER 1, 2005
ICS85214 ICST-ICS85214 Datasheet
119Kb / 16P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. A JULY 17, 2003
ICS85214I ICST-ICS85214I Datasheet
189Kb / 15P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. A JUNE 1, 2005
ICS852911I ICST-ICS852911I Datasheet
215Kb / 15P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
logo
Integrated Device Techn...
83210 IDT-83210 Datasheet
103Kb / 10P
Low Skew, 1-to-10, HSTL Fanout Buffer
logo
Renesas Technology Corp
852911I RENESAS-852911I Datasheet
270Kb / 17P
Low Skew, 1-to-9 Differential-to-HSTL Fanout Buffer
January 21, 2016
83210 RENESAS-83210 Datasheet
295Kb / 11P
Low Skew, 1-to-10, HSTL Fanout Buffer
Revision A March 10, 2016
ICS85214I RENESAS-ICS85214I Datasheet
391Kb / 17P
Low Skew, 1-to-5, Differential-to-HSTL Fanout Buffer
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com